Electronic Components Datasheet Search
  English  ▼

X  

DG408 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG408
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG408 Datasheet HTML 3Page - Vishay Siliconix DG408 Datasheet HTML 4Page - Vishay Siliconix DG408 Datasheet HTML 5Page - Vishay Siliconix DG408 Datasheet HTML 6Page - Vishay Siliconix DG408 Datasheet HTML 7Page - Vishay Siliconix DG408 Datasheet HTML 8Page - Vishay Siliconix DG408 Datasheet HTML 9Page - Vishay Siliconix DG408 Datasheet HTML 10Page - Vishay Siliconix DG408 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DG408, DG409
www.vishay.com
Vishay Siliconix
S13-2504-Rev. K, 16-Dec-13
7
Document Number: 70062
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. VD and Temperature
Off Isolation and Crosstalk vs. Frequency
Switching Time vs. Bipolar Supply
RDS(on) vs. VD and Temperature (Single Supply)
Insertion Loss vs. Frequency
Switching Time vs. Single Supply
VD - Drain Voltage (V)
0
15
- 15
0
40
60
80
50
10
70
30
20
V+ = 15 V
V- = - 15 V
125 °C
85 °C
25 °C
- 55 °C
- 10
- 5
5
10
- 40 °C
0 °C
f - Frequency (Hz)
10K
10M
- 30
- 70
- 90
- 50
100
1K
100K
1M
- 110
100M
- 130
- 150
V+ = 15 V
V- = - 15 V
RL = 1 kΩ
Off-Isolation
Crosstalk
VSUPPLY (V)
± 10
± 12
± 14
± 16
± 18
± 20
± 22
60
80
100
120
140
tOFF(EN)
tON(EN)
tTRANS
VD - Drain Voltage (V)
4
0
10
30
50
70
90
110
130
V+ = 12 V
V- = 0 V
- 55 °C
- 40 °C
0 °C
125 °C
85 °C
25 °C
26
8
10
12
f - Frequency (Hz)
10M
- 5
- 2
1
- 1
0
- 4
- 3
- 6
V+ = 15 V
V- = - 15 V
Ref. 1 VRMS
RL = 50 Ω
RL = 1 kΩ
10
100
1K
10K
100K
1M
100M
VSUPPLY (V)
15
8
100
150
225
175
200
250
125
912
14
13
11
10
275
tTRANS
tOFF(EN)
tON(EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com