Electronic Components Datasheet Search
  English  ▼

X  

DG408 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG408
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG408 Datasheet HTML 5Page - Vishay Siliconix DG408 Datasheet HTML 6Page - Vishay Siliconix DG408 Datasheet HTML 7Page - Vishay Siliconix DG408 Datasheet HTML 8Page - Vishay Siliconix DG408 Datasheet HTML 9Page - Vishay Siliconix DG408 Datasheet HTML 10Page - Vishay Siliconix DG408 Datasheet HTML 11Page - Vishay Siliconix DG408 Datasheet HTML 12Page - Vishay Siliconix DG408 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DG408, DG409
www.vishay.com
Vishay Siliconix
S13-2504-Rev. K, 16-Dec-13
9
Document Number: 70062
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Fig. 3 - Enable Switching Time
Fig. 4 - Break-Before-Make Interval
Logic
Input
Switch
Output
VO
tr < 20 ns
tf < 20 ns
3 V
0 V
0 V
tOFF(EN)
tON(EN)
50 %
90 %
10 %
VO
EN
S1
S2 - S8
A0
A1
A2
50
Ω
1 k
Ω
VO
V+
GND
V-
D
- 5 V
35 pF
- 15 V
+ 15 V
S1b
S1a - S4a, Da
S2b - S4b
Db
EN
A0
A1
50
Ω
1 k
Ω
VO
V+
GND
V-
- 5 V
35 pF
- 15 V
+ 15 V
DG408
DG409
50 %
80 %
Logic
Input
Switch
Output
VO
VS
tOPEN
tr < 20 ns
tf < 20 ns
0 V
3 V
0 V
EN
V+
GND
V-
+ 5 V
35 pF
- 15 V
+ 15 V
+ 2.4 V
A2
Db, D
All S and Da
300
Ω
VO
50
Ω
A1
A0
DG408
DG409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com