Electronic Components Datasheet Search
  English  ▼

X  

AP2312AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP2312AI
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2312AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP2312AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2312AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2312AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2312AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2312AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2312AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2312AI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2312AI
20V N-Channel Enhancement Mode MOSFET
AP2312AI RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
20
22
V
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
0.50
0.65
1.0
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V, ID=7.6A
12
18
mΩ
RDS(ON)
Static Drain-Source On-Resistance
VGS=2.5V, ID=3.5A
15.5
20
IDSS
Zero Gate Voltage Drain Current
VDS=20V,VGS=0V
1
μA
IGSS
Gate-Body Leakage Current
VGS=±10V, VDS=0V
±100
nA
Ciss
Input Capacitance
VDS=10V,VGS=0V,f=1MHZ
888
pF
Coss
Output Capacitance
133
Crss
Reverse Transfer Capacitance
117
Qg
Total Gate Charge
VGS=4.5V,VDS=10V,ID=6.8A
11.05
nC
Qgs
Gate-Source Charge
1.73
Qgd
Gate-Drain Charge
3.1
tD(on)
Turn-on Delay Time
VGS=4.5V, VDS=10V,
ID=6.8A
RGEN=3Ω
7
ns
tr
Turn-on Rise Time
46
tD(off)
Turn-off Delay Time
30
tf
Turn-off fall Time
52
VSD
Diode Forward Voltage
IS=7.6A,VGS=0V
1.2
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com