Electronic Components Datasheet Search
  English  ▼

X  

AP2320MI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP2320MI
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2320MI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP2320MI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP2320MI
20V N-Channel Enhancement Mode MOSFET
AP2320MI RVE1.2
永源微电子科技有限公司
Description
The AP2320MI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =8A
RDS(ON) < 12mΩ @ VGS=4.5V (Type:8.5mΩ)
Application
3.3V MCU Drive
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP2320MI
SOT23-3L
2320
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V
8
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V
4.5
A
IDM
Pulsed Drain Current note1
24
A
EAS
Single Pulsed Avalanche Energy note2
18
mJ
PD@TA=25℃
Power Dissipation
12
W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
℃
RθJA
Thermal Resistance Junction-Ambient 1
125
℃/W
RθJC
Thermal Resistance, Junction to Case
3.8
℃
/W


Similar Part No. - AP2320MI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP2320G10ST SCHNEIDER-AP2320G10ST Datasheet
78Kb / 2P
BUSWAY PLUG-IN STRAIGHT LGTH 10FT 2000A
AP2320G4ST SCHNEIDER-AP2320G4ST Datasheet
63Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 4FT 2000A
Jun 3, 2020
AP2320G8ST SCHNEIDER-AP2320G8ST Datasheet
63Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 8 FOOT
Jun 3, 2020
logo
Advanced Power Electron...
AP2320GN A-POWER-AP2320GN Datasheet
54Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2320GN-HF A-POWER-AP2320GN-HF Datasheet
54Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP2320MI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com