Electronic Components Datasheet Search
  English  ▼

X  

AP2320MI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP2320MI
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2320MI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP2320MI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2320MI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2320MI
20V N-Channel Enhancement Mode MOSFET
AP2320MI RVE1.2
永源微电子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=250μA
20
22
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=20V,VGS=0V
-
-
1
μA
IGSS
Gate-Body Leakage Current
VGS=±12V,VDS=0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=250μA
0.5
0.65
1.2
V
RDS(ON)
Drain-Source On-State Resistance
VGS=4.5V, ID=6A
-
8.5
12
mΩ
RDS(ON)
Drain-Source On-State Resistance
VGS=2.5V, ID=3A
-
1.0
15
mΩ
gFS
Forward Transconductance
VDS=5V,ID=20A
10
-
-
S
Clss
Input Capacitance
VDS=10V,VGS=0V,
F=1.0MHz
625
PF
Coss
Output Capacitance
162
PF
Crss
Reverse Transfer Capacitance
105
PF
td(on)
Turn-on Delay Time
VGS=10V,VDS=10V
RL=0. 5Ω,RGEN=3Ω
-
4.5
-
nS
tr
Turn-on Rise Time
-
9.2
-
nS
td(off)
Turn-Off Delay Time
-
18.7
-
nS
tf
Turn-Off Fall Time
-
3.3
-
nS
Qg
Total Gate Charge
VGS=10V,VDS=10V,ID=20A
15
nC
Qgs
Gate-Source Charge
1.8
nC
Qgd
Gate-Drain Charge
2.8
nC
VSD
Diode Forward Voltage (Note 3)
VGS=0V,IS=25A
-
-
1.2
V
IS
Diode Forward Current (Note 2)
-
-
25
A
trr
Reverse Recovery Time
TJ = 25°C, IF = 20A di/dt =
100A/μs
-
18
-
nS
Qrr
Reverse Recovery Charge
-
9.5
-
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150
℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com