Electronic Components Datasheet Search
  English  ▼

X  

L4993DTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4993DTR
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993DTR Datasheet(HTML) 1 Page - STMicroelectronics

  L4993DTR Datasheet HTML 1Page - STMicroelectronics L4993DTR Datasheet HTML 2Page - STMicroelectronics L4993DTR Datasheet HTML 3Page - STMicroelectronics L4993DTR Datasheet HTML 4Page - STMicroelectronics L4993DTR Datasheet HTML 5Page - STMicroelectronics L4993DTR Datasheet HTML 6Page - STMicroelectronics L4993DTR Datasheet HTML 7Page - STMicroelectronics L4993DTR Datasheet HTML 8Page - STMicroelectronics L4993DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
April 2008
Rev 6
1/30
30
L4993
Low drop voltage regulator
Features
■ Operating DC supply voltage range 5.6V to
31V
■ Reset circuit sensing the output voltage down
to 1V
■ Programmable reset pulse delay with external
capacitor
■ Watchdog
■ Programmable watchdog timer with external
capacitor
■ Enable input for enabling/disabling the
watchdog functionality
■ Thermal shutdown and short circuit protection
■ Wide temperature range (Tj = -40°C to 150°C)
Description
The L4993 is a monolithic integrated 5V Voltage
regulator with a low drop voltage at currents up to
150mA.The output voltage regulating element
consists in a p-channel MOS and the regulation is
performed regardless of input voltage transients
up to 40V. The high precision of the output voltage
is obtained with a pre-trimmed reference voltage.
The L4993 is protected against short circuit and
an over-temperature protection switches off the
device in case of extremely high power dissipa-
tion. The L4993 watchdog is active when the
Enable is high. State of the art features like reset
and watchdog make this device particularly
suitable to supply microprocessor systems in
automotive applications.
Max DC supply voltage
VS
40V
Max output voltage tolerance
∆V0
+/-2%
Max dropout voltage
Vdp
400 mV
Output current
I0
150 mA
Quiescent current
Iqn
79 µA(1)
1.
Typical value with watchdog disabled.
SO-8
SO-20
Table 1.
Device summary
Package
Order codes
Tube
Tape & reel
SO-8
L4993D
L4993DTR
SO-20 (16+2+2)
L4993MD
L4993MDTR
www.st.com


Similar Part No. - L4993DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4993DTR STMICROELECTRONICS-L4993DTR Datasheet
1Mb / 31P
Automotive low drop voltage regulator
19-Sep-2018
More results

Similar Description - L4993DTR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
STMicroelectronics
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com