Electronic Components Datasheet Search
  English  ▼

X  

L4993DTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4993DTR
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993DTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4993DTR Datasheet HTML 8Page - STMicroelectronics L4993DTR Datasheet HTML 9Page - STMicroelectronics L4993DTR Datasheet HTML 10Page - STMicroelectronics L4993DTR Datasheet HTML 11Page - STMicroelectronics L4993DTR Datasheet HTML 12Page - STMicroelectronics L4993DTR Datasheet HTML 13Page - STMicroelectronics L4993DTR Datasheet HTML 14Page - STMicroelectronics L4993DTR Datasheet HTML 15Page - STMicroelectronics L4993DTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Electrical specifications
L4993
12/30
Figure 9.
Current limitation vs. Input Voltage
Figure 10.
Short Circuit Current vs. Tj
Figure 11.
Short Circuit Current vs. Input
Voltage
Figure 12.
VWEn_high vs. Tj
Figure 13.
VWEN_LOW vs. Tj
Figure 14.
Vrhth vs. Tj
0
5
10
15
20
25
30
35
Vs (V )
200
225
250
275
300
325
350
Ilim (mA)
Tj = 25 °C
Tj = 125 °C
-50
-25
0
25
50
75
100
125
150
Tj(°C )
0
100
200
300
400
500
600
Ishort (mA)
Vs= 13.5V
0
5
10
15
20
25
30
35
Vs (V )
150
200
250
300
350
Ishort (mA )
Tj = 25 °C
Tj = 150 °C
-50
-25
0
25
50
75
100
125
150
Tj(°C )
1
1,5
2
2,5
3
3,5
4
Vwen_high (V)
Vs= 5.6V to 31V
-50
-25
0
25
50
75
100
125
150
Tj(°C )
1,4
1,5
1,6
1,7
1,8
1,9
2
Vwen_low (V)
Vs= 5.6V to 31V
-50
-25
0
25
50
75
100
125
150
Tj(°C )
30
35
40
45
50
55
60
Vrhth (% Vo_ref )
Vs= 5.6V to 31V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com