Electronic Components Datasheet Search
  English  ▼

X  

MAX1108 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1108
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1108 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1108 Datasheet HTML 3Page - Maxim Integrated Products MAX1108 Datasheet HTML 4Page - Maxim Integrated Products MAX1108 Datasheet HTML 5Page - Maxim Integrated Products MAX1108 Datasheet HTML 6Page - Maxim Integrated Products MAX1108 Datasheet HTML 7Page - Maxim Integrated Products MAX1108 Datasheet HTML 8Page - Maxim Integrated Products MAX1108 Datasheet HTML 9Page - Maxim Integrated Products MAX1108 Datasheet HTML 10Page - Maxim Integrated Products MAX1108 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS—MAX1109 (continued)
(VDD = +4.5V to +5.5V; unipolar input mode; COM = GND, fSCLK = 500kHz, external clock (50% duty cycle); 10 clocks/conversion
cycle (50ksps); 1µF capacitor at REF, external +4.096V reference at REF; TA = TMIN to TMAX; unless otherwise noted. Typical values
are at TA = +25°C.)
CONDITIONS
External reference
Internal reference (Note 11)
µs
20
ns
200
tCL
SCLK Pulse Width Low
ms
12
tWAKE
Wake-Up Time
ns
0
tCSH
CS to SCLK Rise Hold
ns
100
tCSS
CS to SCLK Rise Setup
ns
200
tCH
SCLK Pulse Width High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 2: See Typical Operating Characteristics.
Note 3: VREF = +2.048V (MAX1108), VREF = +4.096V (MAX1109), offset nulled.
Note 4: Common-mode range (CH0, CH1, COM) GND to VDD.
Note 5: Conversion time defined as the number of clock cycles times the clock period; clock has 50% duty cycle (Figures 6 and 8).
Note 6: REF supplies typically 2.5mA under normal operating conditions.
Note 7: External load should not change during the conversion for specified accuracy.
Note 8: Power consumption with CMOS levels.
Note 9: Power-down test performed using the following sequence 1) SHDN 5bit = 0 in the configuration register; 2) Wait for 10
SCLK cycles to complete current conversion; 3) Measure shutdown current with CS, SCLK, DIN = VDD or GND.
Note 10: Measured as
 VFS(2.7V) - VFS(3.6V) for MAX1108, and measured as  VFS(4.5V) - VFS(5.5V) for MAX1109.
Note 11: 1µF at REF, internal reference settling to 0.5LSB.
Typical Operating Characteristics
(VDD = +3.0V (MAX1108), VDD = +5.0V (MAX1109); external conversion mode; fSCLK = 500kHz; 50ksps; external reference; 1µF at
REF; TA = +25°C; unless otherwise noted.)
200
0
06
SUPPLY CURRENT vs. SUPPLY VOLTAGE
40
20
180
160
SUPPLY VOLTAGE (V)
12345
140
120
100
80
60
DOUT = 10101010
MAX1108 (2.7V TO 5.5V)
MAX1109 (4.5V TO 5.5V)
INTERNAL REFERENCE
CLOAD = 47pF
CLOAD = 10pF
200
0
-40
100
SUPPLY CURRENT vs. TEMPERATURE
40
20
180
160
TEMPERATURE (°C)
-20
0
20
406080
140
120
100
80
60
VDD = 5V
VDD = 3V
DOUT = 10101010
CLOAD = 10pF
INTERNAL REFERENCE
0.50
0
2.5
5.5
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0.10
0.05
0.45
0.40
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
0.35
0.30
0.25
0.20
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com