Electronic Components Datasheet Search
  English  ▼

X  

MAX1108 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1108
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1108 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1108 Datasheet HTML 1Page - Maxim Integrated Products MAX1108 Datasheet HTML 2Page - Maxim Integrated Products MAX1108 Datasheet HTML 3Page - Maxim Integrated Products MAX1108 Datasheet HTML 4Page - Maxim Integrated Products MAX1108 Datasheet HTML 5Page - Maxim Integrated Products MAX1108 Datasheet HTML 6Page - Maxim Integrated Products MAX1108 Datasheet HTML 7Page - Maxim Integrated Products MAX1108 Datasheet HTML 8Page - Maxim Integrated Products MAX1108 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX1108/MAX1109 low-power, 8-bit, dual-channel,
analog-to-digital converters (ADCs) feature an internal
track/hold (T/H) voltage reference, clock, and serial inter-
face. The MAX1108 is specified from +2.7V to +3.6V and
consumes only 105µA. The MAX1109 is specified from
+4.5V to +5.5V and consumes only 130µA. The analog
inputs are software configurable, allowing unipolar/bipolar
and single-ended/differential operation; battery monitor-
ing capability is also included.
The full-scale analog input range is determined by the
internal reference of +2.048V (MAX1108) or +4.096V
(MAX1109), or by an externally applied reference rang-
ing from 1V to VDD. The MAX1108/MAX1109 also feature
a software power-down mode that reduces power con-
sumption to 0.5µA when the device is not in use. The
4-wire serial interface directly connects to SPI™, QSPI™,
and MICROWIRE™ devices without external logic.
Conversions up to 50ksps are performed using either the
internal clock or an external serial-interface clock.
The MAX1108 and MAX1109 are available in a 10-pin
µMAX package with a footprint that is just 20% of an
8-pin plastic DIP.
Applications
Portable Data Logging
Hand-Held Measurement Devices
Medical Instruments
System Diagnostics
Solar-Powered Remote Systems
4–20mA-Powered Remote Systems
Receive-Signal Strength Indicators
Features
o Single Supply: +2.7V to +3.6V (MAX1108)
+4.5V to +5.5V (MAX1109)
o Low Power: 105µA at +3V and 50ksps
0.5µA in Power-Down Mode
o Software-Configurable Unipolar or Bipolar Inputs
o Input Voltage Range: 0 to VDD
o Internal Track/Hold
o Internal Reference: +2.048V (MAX1108)
+4.096V (MAX1109)
o Reference Input Range: 1V to VDD
o SPI/QSPI/MICROWIRE-Compatible Serial Interface
o VDD Monitoring Mode
o Small 10-Pin µMAX Package
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
SCLK
DOUT
DIN
CS
GND
CH1
CH0
VDD
MAX1108
MAX1109
µMAX
TOP VIEW
COM
REF
INPUT
SHIFT
REGISTER
CONTROL
LOGIC
T/H
SAR
INTERNAL
OSCILLATOR
OUTPUT
SHIFT
REGISTER
VDD
ANALOG
INPUT
MUX
INTERNAL
REFERENCE
DOUT
SCLK
DIN
CH0
COM
REF
CH1
CS
GND
CHARGE
REDISTRIBUTION
DAC
MAX1108
MAX1109
Functional Diagram
19-1399; Rev 1; 6/03
Pin Configuration
Ordering Information
PART
MAX1108CUB
MAX1108EUB
-40°C to +85°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
10 µMAX
10 µMAX
MAX1109CUB
MAX1109EUB
-40°C to +85°C
0°C to +70°C
10 µMAX
10 µMAX
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108-MAX1109 MAXIM-MAX1108-MAX1109 Datasheet
185Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX11080 MAXIM-MAX11080 Datasheet
254Kb / 27P
12-Channel, High-Voltage Battery-Pack Fault Monitor
Rev 0; 5/09
MAX11080 MAXIM-MAX11080 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
MAX11080GUU+ MAXIM-MAX11080GUU+ Datasheet
254Kb / 27P
12-Channel, High-Voltage Battery-Pack Fault Monitor
Rev 0; 5/09
More results

Similar Description - MAX1108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX110 MAXIM-MAX110 Datasheet
411Kb / 24P
Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
19-0283; Rev 5; 11/98
MAX1106 MAXIM-MAX1106 Datasheet
205Kb / 16P
Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1432; Rev 0; 3/99
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1115 MAXIM-MAX1115 Datasheet
379Kb / 12P
Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1822; Rev 1; 2/02
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com