Electronic Components Datasheet Search
  English  ▼

X  

573349 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 573349
Description  Flow sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

573349 Datasheet(HTML) 1 Page - Festo Corporation.

  573349 Datasheet HTML 1Page - Festo Corporation. 573349 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flow sensor
SFAM-90-10000L-M-2SV-M12
Part number: 573349
General operating condition
Data sheet
Feature
Value
Symbol
00997566
Certification
RCM compliance mark
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
Certificate issuing authority
UL E322346
Note on materials
RoHS-compliant
Measured variable
Volume
Volumetric flow rate
Flow direction
Unidirectional
From left to right
Measuring principle
Thermal
Method of measurement
Heat loss
Flow measuring range start value
100 l/min
Flow measuring range end value
10000 l/min
Operating pressure
1.6 MPa
Operating pressure
16 bar
Operating pressure
232 psi
Overload pressure
2 MPa
Overload pressure
20 bar
Overload pressure
290 psi
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Nitrogen
Temperature of medium
0 °C ... 50 °C
Ambient temperature
0 °C ... 50 °C
Nominal temperature
23 °C
Accuracy of flow rate
± (3% o.m.v. + 0.3% FS)
Zero point repetition accuracy in ± %FS
0.2 %FS
Repetition accuracy margin in ± %FS
0.8 %FS
Temperature co-efficient margin in ± %FS/K
typ. 0. 1%FS/K
Pressure influence of margin in ±%FS/bar
0.5 %FS/b.
Switching output
2 x PNP or 2 x NPN switchable
Switching function
Window comparator or threshold value comparator, adjustable
Switching element function
N/C contact/N/O contact switchable
Max. output current
100 mA
Analog output
0 - 10 V
5/7/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 573349

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
573349 FESTO-573349 Datasheet
78Kb / 2P
Air flow sensor
More results

Similar Description - 573349

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
610783 FESTO-610783 Datasheet
104Kb / 3P
Flow sensor
7/13/22
610916 FESTO-610916 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158411 FESTO-8158411 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158412 FESTO-8158412 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158413 FESTO-8158413 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158419 FESTO-8158419 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158422 FESTO-8158422 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158423 FESTO-8158423 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158425 FESTO-8158425 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158426 FESTO-8158426 Datasheet
101Kb / 3P
Flow sensor
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com