Electronic Components Datasheet Search
  English  ▼

X  

573349 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 573349
Description  Flow sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

573349 Datasheet(HTML) 2 Page - Festo Corporation.

  573349 Datasheet HTML 1Page - Festo Corporation. 573349 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Flow characteristic curve, start value
0 l/min
Flow characteristic curve, end value
10000 l/min
Output characteristic curve initial value
0 V
End value output characteristic curve
10 V
Min. load resistance of voltage output
10 kOhm
Short-circuit protection
yes
Overload protection
Available
DC operating voltage range
15 V ... 30 V
Reverse polarity protection
for all electrical connections
Electrical connection 1, connection type
Plug
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection 1, number of pins/wires
5
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection 1, type of mounting
Compatible with rotatable screw-type lock
Electrical connection for input 1, connection pattern
00995383
Max. cable length
30 m
Type of mounting
On service unit
Mounting position
Horizontal
Pneumatic connection
Battery module
Product weight
1500 g
Housing material
Die-cast aluminum
PA-reinforced
Display type
Illuminated LCD, multi-color
Displayable unit(s)
l
l/min
m3
scf
scfm
Setting options
Teach-in
Via display and pushbuttons
Protection against tampering
PIN code
Setting range threshold value
1 % ... 100 %
Setting range hysteresis
0 % ... 90 %
Degree of protection
IP65
Pressure drop
<100 mbar
Protection class
III
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
5/7/26 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com