Electronic Components Datasheet Search
  English  ▼

X  

F10390 Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # F10390
Description  Power LED TECHNICAL DATA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

F10390 Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button F10390 Datasheet HTML 9Page - Seoul Semiconductor F10390 Datasheet HTML 10Page - Seoul Semiconductor F10390 Datasheet HTML 11Page - Seoul Semiconductor F10390 Datasheet HTML 12Page - Seoul Semiconductor F10390 Datasheet HTML 13Page - Seoul Semiconductor F10390 Datasheet HTML 14Page - Seoul Semiconductor F10390 Datasheet HTML 15Page - Seoul Semiconductor F10390 Datasheet HTML 16Page - Seoul Semiconductor F10390 Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Rev06
– 2005/09
13
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
12. Forward Current Vs Wavelength shift (Ta=25℃)
13. Junction Temp Vs Wavelength shift (Ta=25℃)
0
5 0
1 00
15 0
200
250
3 0 0
3 50
40 0
-4
-2
0
2
4
6
8
10
F orw ard cu rren t(I
F )
RE D
GRE E N
BL U E
0
2 5
5 0
7 5
1 00
125
150
0
1
2
3
4
5
6
Junction T em p erature(
o C)
RE D
GR E E N
BL U E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com