Electronic Components Datasheet Search
  English  ▼

X  

F10390 Datasheet(PDF) 19 Page - Seoul Semiconductor

Part # F10390
Description  Power LED TECHNICAL DATA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

F10390 Datasheet(HTML) 19 Page - Seoul Semiconductor

Back Button F10390 Datasheet HTML 13Page - Seoul Semiconductor F10390 Datasheet HTML 14Page - Seoul Semiconductor F10390 Datasheet HTML 15Page - Seoul Semiconductor F10390 Datasheet HTML 16Page - Seoul Semiconductor F10390 Datasheet HTML 17Page - Seoul Semiconductor F10390 Datasheet HTML 18Page - Seoul Semiconductor F10390 Datasheet HTML 19Page - Seoul Semiconductor F10390 Datasheet HTML 20Page - Seoul Semiconductor F10390 Datasheet HTML 21Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Rev06
– 2005/09
19
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
20. Soldering Profile
(1) Reflow Soldering Conditions / Profile
Pre-heating
200
180
150
0
Temp
[°C]
220
240
260
Rising
5 °C/sec
Cooling
-5 °C/sec
Time
[Hr]
Tm : Reflow machine setting temp
Ts : Surface temp of PCB (max)
Ts : Surface temp of PCB (recommend)
Ts : Surface temp of PCB (min)
(2)
Hand Soldering conditions
- Lead : Not more than 3 seconds @MAX280℃
- Slug : Use a thermal-adhesives
* Caution
1. Reflow soldering should not be done more than one time.
2. Repairing should not be done after the LEDs have been soldered. When repairing is
unavoidable, suitable tools have to be used.
3. Die slug is to be soldered.
4. When soldering, do not put stress on the LEDs during heating.
5. After soldering, do not warp the circuit board.
6. Recommend to use a convection type reflow machine with 7 ~ 8 zones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com