Electronic Components Datasheet Search
  English  ▼

X  

RFM67W Datasheet(PDF) 37 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM67W
Description  RFM67W ISM TRANSMITTER MODULE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM67W Datasheet(HTML) 37 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM67W Datasheet HTML 29Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 30Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 31Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 32Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 33Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 34Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 35Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 36Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 37Page - Shenzhen Hope Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
Page33
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RF67
10. Ordering Information
RFM67W —433 S2
P/N: RFM67W-315S2
RFM67W module at 315MHz band, SMD Package
P/N: RFM67W-433S2
RFM67W module at 433MHz band, SMD Package
P/N: RFM67W-868S2
RFM67W module at 868MHz band, SMD Package
P/N: RFM67W-915S2
RFM67W module at 915MHz band, SMD Package
HOPE MICROELECTRONICS CO.,LTD
Add:
 2/F, Building 3, Pingshan Private 
Enterprise Science and Technology 
Park, Lishan Road, XiLi Town, Nanshan 
District, Shenzhen, Guangdong, China
Tel: 86-755-82973805
Fax: 86-755-82973550
Email: sales@hoperf.com
Website: http://www.hoperf.com
http://www.hoperf.cn
This document may contain preliminary information and is subject to
change by Hope Microelectronics without notice. Hope Microelectronics
assumes no responsibility or liability for any use of the information
contained herein. Nothing in this document shall operate as an express or
implied license or indemnity under the intellectual property rights of Hope
Microelectronics or third parties. The products described in this document
are not intended for use in implantation or other direct life support
applications where malfunction may result in the direct physical harm or
injury to persons. NO WARRANTIES OF ANY KIND, INCLUDING, BUT
NOT LIMITED TO, THE IMPLIED WARRANTIES OF MECHANTABILITY
OR FITNESS FOR A ARTICULAR PURPOSE, ARE OFFERED IN THIS
DOCUMENT.
©2006, HOPE MICROELECTRONICS CO.,LTD. All rights reserved.
Package 
Operation Band
Mode Type 
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com