Electronic Components Datasheet Search
  English  ▼

X  

SCA28086 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SCA28086
Description  SSMC Male to SMA Male Cable RG405 Type .086 Coax and RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SCA28086 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SCA28086 Datasheet HTML 1Page - Infinite Electronics International, Inc. SCA28086 Datasheet HTML 2Page - Infinite Electronics International, Inc. SCA28086 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.0 Page 1 of 3
Copyright © 2016
Electrical Specifications
.
Description
Min
Typ
Max
Units
Frequency Range
DC
12.4
GHz
VSWR
1.4:1
Mechanical Specifications
Cable Assembly
.
Cable
Cable Type
FM-SR405FL
Impedance
50 Ohms
.
Connectors
.
Description
Connector 1
Connector 2
Type
SSMC Male
SMA Male
Polarity
Standard
Standard
Impedance
50 Ohms
50 Ohms
Contact Material & Plating
Beryllium Copper, Gold
Brass, Gold
Contact Plating Spec.
MIL-G-45204
Coupling Nut Material & Plating
Brass, Gold
Passivated Stainless Steel
Body Material & Plating
Beryllium Copper, Gold
Passivated Stainless Steel
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
SSMC Male to SMA Male Cable RG405 Type .086 Coax
and RoHS
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• SSMC Male
• SMA Male
• FM-SR405FL
SCA28086
DATA SHEET


Similar Part No. - SCA28086

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SCA28CA MCC-SCA28CA Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SCA28086

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3818 PASTERNACK-PE3818 Datasheet
263Kb / 1P
CABLE ASSEMBLY RG405/U SMA MALE TO SMA MALE
PE34286 PASTERNACK-PE34286 Datasheet
233Kb / 1P
SMA Male to SMA Male Precision Cable Using 150 Series Coax RoHS
PE370 PASTERNACK-PE370 Datasheet
461Kb / 4P
SMA Male to SMA Male Test Cable Using PE-P102 Coax, RoHS
PE3385LF PASTERNACK-PE3385LF Datasheet
384Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax, RoHS
PE36166LF-24 PASTERNACK-PE36166LF-24 Datasheet
343Kb / 1P
SMA Male to SMP Female Cable 24 Inch Length Using RG405 Coax, RoHS
PE36166LF-48 PASTERNACK-PE36166LF-48 Datasheet
343Kb / 1P
SMA Male to SMP Female Cable 48 Inch Length Using RG405 Coax, RoHS
PE36166LF-72 PASTERNACK-PE36166LF-72 Datasheet
339Kb / 1P
SMA Male to SMP Female Cable 72 Inch Length Using RG405 Coax, RoHS
PE35654LF PASTERNACK-PE35654LF Datasheet
640Kb / 4P
2.4mm Male to 2.4mm Female Cable Using RG405 Coax, RoHS
PE3C4391 PASTERNACK-PE3C4391 Datasheet
459Kb / 5P
SMA Male to SSMC Plug Cable Using RG178 Coax
PE3C4405 PASTERNACK-PE3C4405 Datasheet
459Kb / 5P
SMA Male to SSMC Plug Cable Using RG316 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com