Electronic Components Datasheet Search
  English  ▼

X  

SCA28086 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # SCA28086
Description  SSMC Male to SMA Male Cable RG405 Type .086 Coax and RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SCA28086 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  SCA28086 Datasheet HTML 1Page - Infinite Electronics International, Inc. SCA28086 Datasheet HTML 2Page - Infinite Electronics International, Inc. SCA28086 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
How to Order
Part Number Configuration:
SCA28086 - xx
uu
|
|
cm = Centimeters
|
<blank> = Inches
|
|
Length
Example: SCA28086-12 = 12 inches long cable
SCA28086-100cm = 100 cm long cable
SSMC Male to SMA Male Cable RG405 Type .086 Coax and RoHS from Fairview Microwave has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link to obtain additional part information: SSMC Male to SMA Male Cable RG405 Type .086 Coax and
RoHS SCA28086
URL: https://www.fairviewmicrowave.com/ssmc-male-sma-male-cable-sf-085-coax-sca28086-p.aspx
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 2 of 3
SCA28086
DATA SHEET



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com