Electronic Components Datasheet Search
  English  ▼

X  

SCA52086 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SCA52086
Description  SMA Male to SMA Male Cable FM-F086 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SCA52086 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SCA52086 Datasheet HTML 1Page - Infinite Electronics International, Inc. SCA52086 Datasheet HTML 2Page - Infinite Electronics International, Inc. SCA52086 Datasheet HTML 3Page - Infinite Electronics International, Inc. SCA52086 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 1.2 Page 1 of 4
Copyright © 2020
The SMA male to SMA male cable using FM-F086 coax, part number SCA52086,
from Fairview Microwave is in-stock and ships same day. This Fairview SMA to
SMA cable assembly has a male to male gender configuration with 50 ohm flexible
FM-F086 coax. Fairview Microwave’s flexible RF cable assemblies are ideal for
applications where tight bends and continual flexure are required. The SCA52086
SMA male to SMA male cable assembly operates to 18 GHz. The double shielding
of this Fairview cable assembly provides excellent shielding effectiveness. The
SMA male to SMA male cable using FM-F086 coax, part number SCA52086, from
Fairview Microwave is in-stock and ships same day. This Fairview SMA to SMA
cable assembly has a male to male gender configuration with 50 ohm flexible
FM-F086 coax. Fairview Microwave’s flexible RF cable assemblies are ideal for
applications where tight bends and continual flexure are required. The SCA52086
SMA male to SMA male cable assembly operates to 18 GHz. The double shielding
of this Fairview cable assembly provides excellent shielding effectiveness.
Custom versions of most RF cable assemblies can be built and shipped same
day. Custom cable assembly lengths can be obtained by specifying the desired
length on the web site at time of order or by contacting a sales representative.
Other RF cable assembly value added services including connector orientation or
clocking, heat shrink booting and labeling are also available. RF testing can also
be performed to document the electrical performance of your cable assembly.
Custom versions of most RF cable assemblies can be built and shipped same
day. Custom cable assembly lengths can be obtained by specifying the desired
length on the web site at time of order or by contacting a sales representative.
Other RF cable assembly value added services including connector orientation or
clocking, heat shrink booting and labeling are also available. RF testing can also
be performed to document the electrical performance of your cable assembly.
Electrical Specifications
.
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.4:1
Performance by Frequency
.
Description
F1
F2
F3
F4
F5
Units
Frequency
1
10
18
GHz
Insertion Loss (Typ.) 0.23
0.8
1.1
dB/ft
0.75
2.62
3.61
dB/m
Electrical Specification Notes:
Insertion loss does not include the loss of the connectors.
Insertion loss is estimated as 0.05 x sqrt(fGHz) dB per connector.
Mechanical Specifications
Cable Assembly
Length*
0 in [0 mm]
Cable
Cable Type
FM-F086
SMA Male to SMA Male Cable FM-F086 Coax
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• SMA Male
• SMA Male
• FM-F086
Features:
• Max Frequency 18 GHz
• Double Shielded
• FEP Jacket
• Max Frequency 18 GHz
• Double Shielded
• FEP Jacket
Applications:
• General Purpose
• Laboratory Use
• General Purpose
• Laboratory Use
Cable Diagram:
FM-F086
SCA52086
DATA SHEET


Similar Part No. - SCA52086

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SCA5.0CA MCC-SCA5.0CA Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SCA51CA MCC-SCA51CA Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SCA54CA MCC-SCA54CA Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
SanRex Corporation
SCA55AA SANREX-SCA55AA Datasheet
781Kb / 3P
THYRISTOR MODULE
SCA55AA160 SANREX-SCA55AA160 Datasheet
781Kb / 3P
THYRISTOR MODULE
More results

Similar Description - SCA52086

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34286 PASTERNACK-PE34286 Datasheet
233Kb / 1P
SMA Male to SMA Male Precision Cable Using 150 Series Coax RoHS
PE3C0038 PASTERNACK-PE3C0038 Datasheet
335Kb / 3P
SMA Male to SMA Male Cable Using LMR-195 Coax
PE370 PASTERNACK-PE370 Datasheet
461Kb / 4P
SMA Male to SMA Male Test Cable Using PE-P102 Coax, RoHS
PE3385 PASTERNACK-PE3385 Datasheet
382Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax
PE3385LF PASTERNACK-PE3385LF Datasheet
384Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax, RoHS
PE3822 PASTERNACK-PE3822 Datasheet
271Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMA MALE
PE37908 PASTERNACK-PE37908 Datasheet
392Kb / 4P
SMA Male to SMA Male Cable Using PE-C100-LSZH Coax
PE3C0052 PASTERNACK-PE3C0052 Datasheet
331Kb / 3P
SMA Male to SMA Male Cable Using LMR-240 Coax
PE3C0057 PASTERNACK-PE3C0057 Datasheet
347Kb / 3P
SMA Male to SMA Male Cable Using LMR-100 Coax
PE3C1015 PASTERNACK-PE3C1015 Datasheet
358Kb / 4P
SMA Male to SMA Male Cable Using Tinned RG402 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com