Electronic Components Datasheet Search
  English  ▼

X  

SCA52086 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # SCA52086
Description  SMA Male to SMA Male Cable FM-F086 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SCA52086 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  SCA52086 Datasheet HTML 1Page - Infinite Electronics International, Inc. SCA52086 Datasheet HTML 2Page - Infinite Electronics International, Inc. SCA52086 Datasheet HTML 3Page - Infinite Electronics International, Inc. SCA52086 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP, Blue
Jacket Diameter
0.104 in [2.64 mm]
.
Connectors
.
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male
Configuration
Straight
Straight
Impedance
50 Ohms
50 Ohms
Contact Material & Plating
Brass, Gold
Brass, Gold
Dielectric Type
PTFE
PTFE
Body Material & Plating
Brass, Gold
Brass, Gold
Coupling Nut Material & Plating
Brass, Nickel
Brass, Nickel
Hex Size
5/16 inch
5/16 inch
Torque
5 in-lbs 0.57 Nm
5 in-lbs 0.57 Nm
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
How to Order
Part Number Configuration:
SCA52086 - xx
uu
|
|
cm = Centimeters
|
<blank> = Inches
|
|
Length
Example: SCA52086-12 = 12 inches long cable
SCA52086-100cm = 100 cm long cable
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.2 Page 2 of 4
SCA52086
DATA SHEET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com