Electronic Components Datasheet Search
  English  ▼

X  

1DM1 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # 1DM1
Description  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1DM1 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  1DM1 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
sensing.honeywell.com
MICRO SWITCH™ Snap-in Panel Mount Basic Switches
Table 1. Specifications
Characteristic
Parameter
Description
snap-in panel mount basic switch
Actuators
momentary action
push-pull
push momentary, pull-to-cheat
Terminations
quick connect, 4,78 mm x 0,51 mm [0.188 in x 0.020 in]
Amp rating
10 A, 16 A
Operating temperature
-37 °C to 82 °C [-35 °F to 180 °F]
Operating force
4,17 N [15 oz] max.
Mechanical life
1 million operations, 95 % survival
Circuitry
SPNO, SPDT, DPDT
Voltage
125 Vac, 250 Vac, 277 Vac
Approvals
UL, CSA
Table 2. Electrical Ratings
Series
Electrical rating
DM
UL and CSA rating: 10 A, 1/2 HP, 125, 250 or 277 Vac
DP
UL standard 508, 14 A, 3/4 HP, 125, 250 Vac;
Pilot Duty: 150 V A – 125, 250 Vac; 16 A, 125, 250, 277 Vac; 3/4 HP, 125, 250 Vac
MOMENTARY ACTION
Momentary action switches are available in a choice of concave,
convex, or bullet nose plunger styles.
Concave plunger
Convex plunger
Bullet-nose plunger
Pull-to-cheat plunger
PUSH-PULL
When plunger is depressed, it remains in the depressed position
and maintains circuit transfer. Switch contacts return to the previ-
ous position when the plunger is pulled to the original extended
position.
PULL-TO-CHEAT
Pull-to-cheat operates normally as a momentary action switch.
However, by pulling the plunger beyond the normal free position, a
maintained-on position is achieved
.
POSSIBLE VARIATIONS
In addition to the standard quick-connect 4,78 mm x 0,51 mm
[0.188 in x 0.020 in] terminals, 6,35 mm x 0,81 mm [0.25 in x
0.032 in] terminals can be provided. The quick-connect terminals
can be provided with terminals formed at different angles. DM
plungers and faceplates are available in combinations of white,
black, gray, or red.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com