Electronic Components Datasheet Search
  English  ▼

X  

1DM1 Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # 1DM1
Description  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1DM1 Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button 1DM1 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 1DM1 Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8 sensing.honeywell.com
DM | DP Series
1DM1, 1DM2, 1DM3 DIMENSIONS
1DM18 DIMENSIONS
1DM21, 1DM38 DIMENSIONS
17,27 mm
[0.68 in]
4X Ø 1,53 mm
[4X Ø 0.06 in]
31,75 mm
[1.25 in]
9,53 mm [0.375 in] max. full overtravel position
16,06 mm ±1,5 mm [0.75 in ±0.06 in] operating position
22,4 mm ±1,27 mm [0.88 in ±0.05 in] free position
11,7 mm [0.46 in]
SR 6,35 mm
[SR 0.25 in]
Ø 8,63 mm [Ø 0.35 in]
9° max.
7,61 mm
[0.30 in]
4X R 1,53 mm [4X R 0.06 in]
R 1,02 mm [R 0.04 in]
13,32 mm [0.525 in]
1,52 mm [0.08 in]
1,57 mm [0.062 in]
24,64 mm
[0.97 in]
2,8 mm
[0.11 in]
2X 80°
4,82 mm
[0.19 in]
5,84 mm
[0.23 in]
23,4 mm
[0.92 in]
3X 6,4 mm [3X 0.25 in]
10,66 mm
[0.42 in]
1,14 mm to 2,54 mm thick mounting panel
[0.045 in to 0.10 in thick mounting panel]
Common
terminal
Normally
closed
terminal
Normally
open
terminal
11,17 mm
[0.44 in]
3X 4,77 mm x 0,51 mm
[3X 0.188 in x 0.02 in]
quick connect terminal
17,27 mm
[0.68 in]
4X Ø 1,53 mm
[4X Ø 0.06 in]
31,75 mm
[1.25 in]
3,05 mm [0.120 in] max. full overtravel position
9,0 mm ±1,5 mm [0.355 in ±0.06 in] operating position
11,43 mm [0.45 in] free position
11,7 mm [0.46 in]
SR 12,7 mm
[SR 0.5 in]
Ø 8,63 mm [Ø 0.35 in]
4X R 1,53 mm [4X R 0.06 in]
13,32 mm [0.525 in]
1,52 mm [0.08 in]
1,57 mm [0.062 in]
24,64 mm
[0.97 in]
2,8 mm
[0.11 in]
2X 80°
4,82 mm
[0.19 in]
5,84 mm
[0.23 in]
23,4 mm
[0.92 in]
3X 6,4 mm [3X 0.25 in]
10,66 mm
[0.42 in]
1,14 mm to 2,54 mm thick mounting panel
[0.045 in to 0.10 in thick mounting panel]
Common
terminal
Normally
closed
terminal
Normally
open
terminal
11,17 mm
[0.44 in]
3X 4,77 mm x 0,51 mm
[3X 0.188 in x 0.02 in]
quick connect terminal
17,27 mm
[0.68 in]
4X Ø 1,53 mm
[4X Ø 0.06 in]
31,75 mm
[1.25 in]
Ø 8,63 mm [Ø 0.35 in]
4X R 1,53 mm [4X R 0.06 in]
13,32 mm [0.525 in]
1,52 mm [0.08 in]
1,57 mm [0.062 in]
24,64 mm
[0.97 in]
2,8 mm
[0.11 in]
2X 80°
4,82 mm
[0.19 in]
5,84 mm
[0.23 in]
23,4 mm
[0.92 in]
3X 6,4 mm [3X 0.25 in]
10,66 mm
[0.42 in]
1,14 mm to 2,54 mm thick mounting panel
[0.045 in to 0.10 in thick mounting panel]
Common
terminal
Normally
closed
terminal
Normally
open
terminal
11,17 mm
[0.44 in]
3X 4,77 mm x 0,51 mm
[3X 0.188 in x 0.02 in]
quick connect terminal
3,04 mm [0.120 in] max. full overtravel position
11,43 mm [0.45 in] free position
11,68 mm
[0.46 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com