Electronic Components Datasheet Search
  English  ▼

X  

10BQ030 Datasheet(PDF) 2 Page - International Rectifier

Part # 10BQ030
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BQ030 Datasheet(HTML) 2 Page - International Rectifier

  10BQ030 Datasheet HTML 1Page - International Rectifier 10BQ030 Datasheet HTML 2Page - International Rectifier 10BQ030 Datasheet HTML 3Page - International Rectifier 10BQ030 Datasheet HTML 4Page - International Rectifier 10BQ030 Datasheet HTML 5Page - International Rectifier 10BQ030 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10BQ030
Bulletin PD-20708 rev. D 02/02
2
www.irf.com
Part number
10BQ030
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
30
Voltage Ratings
V
FM
Max. Forward Voltage Drop
(1)
0.420
V
@ 1A
0.470
V
@ 2A
V
FM
Max. Forward Voltage Drop
(1)
0.300
V
@ 1A
0.370
V
@ 2A
0.5
mA
TJ = 25 °C
I
RM
Max. Reverse Leakage Current
(1)
5.0
mA
TJ = 100 °C
15
mA
TJ = 125 °C
C
T
Max. Junction Capacitance
200
pF
V
R = 5VDC, (test signal range 100KHz to 1Mhz) 25°C
L
S
Typical Series Inductance
2.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/µs
(Rated V
R)
T
J =
25 °C
T
J =
125 °C
V
R = rated VR
Electrical Specifications
Parameters
10BQ Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
TJ
Max.JunctionTemperatureRange (*) -55 to150
°C
T
stg
Max.Storage Temperature Range
-55 to150
°C
R
thJL Max.Thermal Resistance Junction
25
°C/W DCoperation
to Lead
(**)
R
thJA Max.Thermal Resistance Junction
80
°C/W
to Ambient
wt
Approximate Weight
0.10(0.003) g(oz.)
Case Style
SMB
Similar DO-214AA
DeviceMarking
IR1E
Thermal-Mechanical Specifications
Parameters
10BQ Units
Conditions
Absolute Maximum Ratings
IF(AV) Max.AverageForwardCurrent
1.0
A
50%dutycycle@TL= 106°C,rectangularwaveform.
I
FSM
Max.PeakOneCycleNon-Repetitive
430
5µs Sineor3µsRect.pulse
SurgeCurrent *SeeFig.6
90
10msSineor6msRect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
9.0
mJ
T
J = 25 °C, IAS = 1.0A, L = 10mH
I
AR
RepetitiveAvalancheCurrent
1.0
A
Parameters
10BQ Units
Conditions
Following any rated
load condition and
with rated VRRMapplied
<
thermal runaway condition for a diode on its own heatsink
(**) Mounted 1 inch square PCB
(*) dPtot
1
dTj
Rth( j-a)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com