Electronic Components Datasheet Search
  English  ▼

X  

10BQ030 Datasheet(PDF) 5 Page - International Rectifier

Part # 10BQ030
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BQ030 Datasheet(HTML) 5 Page - International Rectifier

  10BQ030 Datasheet HTML 1Page - International Rectifier 10BQ030 Datasheet HTML 2Page - International Rectifier 10BQ030 Datasheet HTML 3Page - International Rectifier 10BQ030 Datasheet HTML 4Page - International Rectifier 10BQ030 Datasheet HTML 5Page - International Rectifier 10BQ030 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10BQ030
Bulletin PD-20708 rev. D 02/02
5
www.irf.com
Tape & Reel Information
Dimensions in millimeters and (inches)
Marking & Identification
Ordering Information
10BQ SERIES - TAPE AND REEL
WHEN ORDERING, INDICATE THE PART NUMBER
AND THE QUANTITY ( IN MULTIPLES OF 3000
PIECES).
EXAMPLE:
10BQ030TR - 6000 PIECES
10BQ SERIES - BULK QUANTITIES
WHEN ORDERING, INDICATE THE PART NUMBER
ANDTHEQUANTITY(INMULTIPLESOF250PIECES).
EXAMPLE:
10BQ030 - 500 PIECES
Eachdevicehas8characters,configurated 4digitsontwo
rows,foridentification.Thefirstrow designatesthedevice
asmanufacturedbyInternational Rectifierasindicated by
theletters"IR",andthePartNumber(indicatesthecurrent
rating andvoltage/process).Thesecondrowindicatesthe
yearandtheweekofmanufacturing.
I R 1E
C = 15 V
E = 30 V
F = 40 V
H = 60 V
J = 100 V
IR logo
Voltage/ Process
Year
Week
YY WW
(Date Code)
Current Rating (1A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com