Electronic Components Datasheet Search
  English  ▼

X  

TA369 Datasheet(PDF) 13 Page - Pico Technology Ltd.

Part # TA369
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA369 Datasheet(HTML) 13 Page - Pico Technology Ltd.

Back Button TA369 Datasheet HTML 9Page - Pico Technology Ltd. TA369 Datasheet HTML 10Page - Pico Technology Ltd. TA369 Datasheet HTML 11Page - Pico Technology Ltd. TA369 Datasheet HTML 12Page - Pico Technology Ltd. TA369 Datasheet HTML 13Page - Pico Technology Ltd. TA369 Datasheet HTML 14Page - Pico Technology Ltd. TA369 Datasheet HTML 15Page - Pico Technology Ltd. TA369 Datasheet HTML 16Page - Pico Technology Ltd. TA369 Datasheet HTML 17Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
PicoScope® 6000E Series
Ultra-deep memory
PicoScope 6000E Series oscilloscopes have waveform capture memories of up to 4 gigasamples – many times larger than competing scopes. Deep memory enables the capture
of long-duration waveforms at maximum sampling speed. In fact, the PicoScope 6000E Series can capture waveforms 200 ms long with 200 ps resolution, or even 100 ps on the
10 GS/s 6428E-D. In contrast, the same 200 ms waveform captured by an oscilloscope with a 10 megasample memory would have just 20 ns resolution. The scope automatically
shares the capture memory between the analog channels and MSO ports you have made active.
Deep memory is invaluable when you need to capture fast serial data with long gaps between packets, or nanosecond laser pulses spaced milliseconds apart, for example. It can
be useful in other ways too: PicoScope lets you divide the capture memory into a number of segments, up to 40 000. You can set up a trigger condition to store a separate capture
in each segment, with as little as 300 ns dead time between captures. Once you have acquired the data, you can step through the memory one segment at a time until you find the
event you are looking for.
Powerful tools are included to allow you to manage and examine all of this data. As well as functions such as mask limit testing and color persistence mode, PicoScope software
enables you to zoom into your waveform up to 100 million times. The Zoom window allows you to easily control the size and location of the zoom area. Other tools, such as the
waveform buffer, serial decoding and hardware acceleration work with the deep memory, making the PicoScope 6000E Series some of the most powerful oscilloscopes on the
market.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com