Electronic Components Datasheet Search
  English  ▼

X  

TA369 Datasheet(PDF) 41 Page - Pico Technology Ltd.

Part # TA369
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA369 Datasheet(HTML) 41 Page - Pico Technology Ltd.

Back Button TA369 Datasheet HTML 34Page - Pico Technology Ltd. TA369 Datasheet HTML 35Page - Pico Technology Ltd. TA369 Datasheet HTML 36Page - Pico Technology Ltd. TA369 Datasheet HTML 37Page - Pico Technology Ltd. TA369 Datasheet HTML 38Page - Pico Technology Ltd. TA369 Datasheet HTML 39Page - Pico Technology Ltd. TA369 Datasheet HTML 40Page - Pico Technology Ltd. TA369 Datasheet HTML 41Page - Pico Technology Ltd. TA369 Datasheet HTML 42Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
PicoScope® 6000E Series
Order code
Description
A3000 active probes for intelligent probe interface
PQ254
A3136 active probe 1.3 GHz
PQ265
A3076 active probe 750 MHz
A3000 probe replacement accessories
PQ275
A3000 series active probe accessories kit
TA469
Probe signal tip (pack of 10)
TA470
Probe ground blade (pack of 2 sizes, 2 of each)
TA501
Probe spring tip (pack of 10)
High-voltage differential probes
TA042
100 MHz 1400 V differential oscilloscope probe 100:1/1000:1 BNC
TA043
100 MHz 700 V differential oscilloscope probe 10:1/100:1 BNC
Attenuators
TA181
Attenuator 3 dB 10 GHz 50 Ω SMA (m-f)
TA261
Attenuator 6 dB 10 GHz 50 Ω SMA (m-f)
TA262
Attenuator 10 dB 10 GHz 50 Ω SMA (m-f)
TA173
Attenuator 20 dB 10 GHz 50 Ω SMA (m-f)
SMA cables
TA312
Precision sleeved SMA coaxial cable (60 cm)
TA265
Precision sleeved SMA coaxial cable (30 cm)
Adaptor
TA313
Inter-series adaptor SMA(f) to BNC(m), 50 Ω, 3 GHz
Power adaptor
PQ247
12 V, 7 A power adaptor, IEC input, DIN output and supplied with 4 IEC mains cables (UK, EU, US and Australia/China)
Optional accessories - continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com