Electronic Components Datasheet Search
  English  ▼

X  

AP2281 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2281
Description  SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2281 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2281 Datasheet HTML 1Page - Diodes Incorporated AP2281 Datasheet HTML 2Page - Diodes Incorporated AP2281 Datasheet HTML 3Page - Diodes Incorporated AP2281 Datasheet HTML 4Page - Diodes Incorporated AP2281 Datasheet HTML 5Page - Diodes Incorporated AP2281 Datasheet HTML 6Page - Diodes Incorporated AP2281 Datasheet HTML 7Page - Diodes Incorporated AP2281 Datasheet HTML 8Page - Diodes Incorporated AP2281 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP2281
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
1 of 9
JANUARY 2008
www.diodes.com
© Diodes Incorporated
•
Wide input voltage range: 1.5V – 6V
•
Low RDS(ON): 80mΩ typical @ 5V
•
Turn-on slew rate controlled
•
AP2281-1: 1ms turn-on rise time
•
AP2281-3: 100us turn-on rise time with internal discharge
•
Very low turn-on quiescent current: << 1uA
•
Fast load discharge option
•
Temperature range -40ºC to 85°C
•
SOT26: Available in “Green” Molding Compound
(no Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
The AP2281 slew rate controlled load switch is a single P-channel
MOSFET power switch designed for high-side load-switching
applications. The MOSFET has a typical RDS(ON) of 80mΩ at 5V,
allowing increased load current handling capacity with a low
forward voltage drop. The turn-on slew rate of the device is
controlled internally.
The AP2281 load switch is designed to operate from 1.5V to 6V,
making it ideal for 1.8V, 2.5V, 3.3V, and 5V systems. The typical
quiescent supply current is only 0.01uA.
•
Smart Phones
•
PDA
•
Cell Phones
•
GPS Navigators
•
PMP/MP4
•
Notebook and Pocket PC
Package
X X X
Packing
- 7 : Tape & Reel
Lead Free
G : Green
AP2281 -
W : SOT26
Turn-on rise time
1 : 1ms
3 : 100us
X
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
7” Tape and Reel
Device
Package Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AP2281-1W
W
SOT26
3000/Tape & Reel
-7
AP2281-3W
W
SOT26
3000/Tape & Reel
-7
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf
Features
Description
Applications
Ordering Information


Similar Part No. - AP2281

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2281 DIODES-AP2281 Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
AP2281-1FMG DIODES-AP2281-1FMG Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
AP2281-1FMG-7 DIODES-AP2281-1FMG-7 Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
AP2281-1WG DIODES-AP2281-1WG Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
AP2281-1WG-7 DIODES-AP2281-1WG-7 Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
More results

Similar Description - AP2281

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP2281 DIODES-AP2281_09 Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP22908 DIODES-AP22908 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com