Electronic Components Datasheet Search
  English  ▼

X  

AP2281 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2281
Description  SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2281 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2281 Datasheet HTML 1Page - Diodes Incorporated AP2281 Datasheet HTML 2Page - Diodes Incorporated AP2281 Datasheet HTML 3Page - Diodes Incorporated AP2281 Datasheet HTML 4Page - Diodes Incorporated AP2281 Datasheet HTML 5Page - Diodes Incorporated AP2281 Datasheet HTML 6Page - Diodes Incorporated AP2281 Datasheet HTML 7Page - Diodes Incorporated AP2281 Datasheet HTML 8Page - Diodes Incorporated AP2281 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP2281
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
2 of 9
JANUARY 2008
www.diodes.com
© Diodes Incorporated
SOT26
OUT
GND
EN
IN
IN
(Top View)
6
4
3
2
1
GND
5
Pin
Name
Pin
Number
Description
OUT
1
Voltage output pin. This is the pin to the P-channel MOSFET drain connection.
Bypass to ground through a 0.1uF capacitor.
GND
2, 5
Ground.
EN
3
Enable input, active high
IN
4, 6
Voltage input pin. This is the pin to the P-channel MOSFET source. Bypass to
ground through a 1µF capacitor.
Options
Part Number
Slew Rate (typ)
Active pull down
Enable
AP2281-1
1ms
no
Active high
AP2281-3
100us
yes
Active high
Pin Assignments
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com