Electronic Components Datasheet Search
  English  ▼

X  

TFP10 Datasheet(PDF) 1 Page - nVent Electric plc

Part # TFP10
Description  TFP Side-Mount Fans
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

TFP10 Datasheet(HTML) 1 Page - nVent Electric plc

  TFP10 Datasheet HTML 1Page - nVent Electric plc TFP10 Datasheet HTML 2Page - nVent Electric plc TFP10 Datasheet HTML 3Page - nVent Electric plc TFP10 Datasheet HTML 4Page - nVent Electric plc TFP10 Datasheet HTML 5Page - nVent Electric plc TFP10 Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Fresh Air enclosure cooling Filter Fans
nVent.com/HoFFmAn
SUBJECTTOCHANGEWITHOUTNOTICE
ThermAl mAnAgemenT
1
Spec-00306 O
TFP side-mounT FAns
TFP10
215 CFM
(365 m/hr.)
TFP6
140 CFM
(238 m/hr.)
TFP4
55 CFM
(93 m/hr.)
indusTrY sTAndArds
UL 508A component Recognized; File no. e61997
tFP# models: type 1
tFP# UL 12 models: type 12
CSA certified (fan only)
ce
APPlicATion
•
Industrial automation
•
Automotive assembly
•
Package handling equipment
•
Food and beverage process controlls
•
Wind energy systems
FeATures
•
Cooling Fan Package includes fan, air filter, composite air plenum,
finger guard and grille
•
Exhaust Package includes air filter, filter retainer with integral
finger guard and grille
•
EMC Upgrade Kit includes a grille standoff collar and a special
EMC shielding grille
•
Reliable cooling for enclosures with limited space requiring
simple filtered airflow for basic cooling
•
24 VDC, 115 VAC and 230 VAC options available
•
Washable foam (Type 1) or disposable (Type 12) filter in fan
•
Dynamically-balanced fan impellers molded from polycarbonate
material
•
4-in. fan is thermally protected and uses permanently-lubricated
ball bearings
•
6- and 10-in. fans have ball bearing construction and split-
capacitor motors that are thermally protected to avoid premature
failure
•
Fans have lead wires for power connection with ends stripped 1/2
in. (12 mm)
•
All mounting hardware and installation instructions are furnished
sPeciFicATions
•
Free airflow from 45 CFM (76 m3/hr.) to 215 CFM (365 m3/hr.)
•
Maximum operating temperature 158 F / 70 C
•
Engineered for 50,000 hours of continuous operation without
lubrication or service (a monthly maintenance schedule is
recommended to ensure optimal cooling performance)
Finish
•
Stainless steel grilles have brushed finish.
•
ABS composite grille is black.
Accessories
TFP Exhaust Grilles
TFP Optional Grilles and Replacement Filters
TFP EMC Upgrade Kit


Similar Part No. - TFP10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP101 TI-TFP101 Datasheet
332Kb / 18P
T1 PANELBUS DIGITAL RECEIVER
TFP101 TI1-TFP101 Datasheet
547Kb / 21P
Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
TFP101A TI-TFP101A Datasheet
332Kb / 18P
T1 PANELBUS DIGITAL RECEIVER
TFP101A TI1-TFP101A Datasheet
547Kb / 21P
Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
TFP101APZP TI-TFP101APZP Datasheet
332Kb / 18P
T1 PANELBUS DIGITAL RECEIVER
More results

Similar Description - TFP10

ManufacturerPart #DatasheetDescription
logo
ETRI
86ME0162C13 ETRI-86ME0162C13 Datasheet
184Kb / 1P
400Hz Fans
98XE0162001 ETRI-98XE0162001 Datasheet
168Kb / 1P
400Hz Fans
99XV0162001 ETRI-99XV0162001 Datasheet
161Kb / 1P
400Hz Fans
103TY0562C13 ETRI-103TY0562C13 Datasheet
187Kb / 1P
400Hz Fans
112BC0162C13 ETRI-112BC0162C13 Datasheet
164Kb / 1P
400Hz Fans
121VY0162001 ETRI-121VY0162001 Datasheet
163Kb / 1P
400Hz Fans
139BM0460005 ETRI-139BM0460005 Datasheet
171Kb / 1P
400Hz Fans
149ZG0562005 ETRI-149ZG0562005 Datasheet
158Kb / 1P
400Hz Fans
551CTF0062C13 ETRI-551CTF0062C13 Datasheet
504Kb / 1P
400Hz Fans
logo
Pentair plc. All rights...
HF0516414 PENTAIR-HF0516414 Datasheet
2Mb / 20P
HF Side-Mount Filter Fans
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com