Electronic Components Datasheet Search
  English  ▼

X  

TFP10 Datasheet(PDF) 4 Page - nVent Electric plc

Part # TFP10
Description  TFP Side-Mount Fans
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

TFP10 Datasheet(HTML) 4 Page - nVent Electric plc

  TFP10 Datasheet HTML 1Page - nVent Electric plc TFP10 Datasheet HTML 2Page - nVent Electric plc TFP10 Datasheet HTML 3Page - nVent Electric plc TFP10 Datasheet HTML 4Page - nVent Electric plc TFP10 Datasheet HTML 5Page - nVent Electric plc TFP10 Datasheet HTML 6Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fresh Air enclosure cooling Filter Fans
PH 763.422.2211
nVent.com/HoFFmAn
ThermAl mAnAgemenT
4
Spec-00306 O
Performance Data  TFP10 Models
elecTricAl dATA
Rated Voltage
115 VAC
230 VAC
Frequency (Hz)
50/60
Nominal Current Maximum @ 50/60 Hz(Amps)
.58/.70
.29/.35
Power Consumption Maximum @ 50/60 Hz (Watts)
64/80
64/80
Power Connection
Stripped Leadwires
cATAlog numBers
Composite Type 1
TFP101
TFP102
Stainless Steel Type 1
TFP101SS
TFP102SS
Free Airflow @ 50/60 Hz (CFM)*
180/215
180/215
Free Airflow @ 50/60 Hz (m3/hr.)*
306/365
306/365
cATAlog numBers
Composite Type 12
TFP101UL12
TFP102UL12
Free Airflow @ 50/60 Hz (CFM)*
63/75
63/75
Free Airflow @ 50/60 Hz (m3/hr.)*
107/127
107/127
uniT consTrucTion
Noise SIL @ 50/60 Hz (dBA)
54/61
54/61
Maximum Operating Temperature (°F/°C)
167/75
167/75
Unit Dimensions - H x W x D (in./mm)
11.81 x 12.99 x 5.25/300 x 330 x 133
Cutout Dimensions - H x W (in./mm)
11.16 x 11.16/283 x 283
Weight (lb./kg)
12.0/5.44
11.4/5.17
eXhAusT grille cATAlog numBers
Composite Type 1
TEP10
Stainless Steel Type 1
TEP10SS
Composite Type 12
TEP10UL12
*CFM with single exhaust grille installed.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com