Electronic Components Datasheet Search
  English  ▼

X  

1289000000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1289000000
Description  BUL 10.16HP/02/180 4.5AG BK BX SO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1289000000 Datasheet(HTML) 2 Page - Weidmuller

  1289000000 Datasheet HTML 1Page - Weidmuller 1289000000 Datasheet HTML 2Page - Weidmuller 1289000000 Datasheet HTML 3Page - Weidmuller 1289000000 Datasheet HTML 4Page - Weidmuller 1289000000 Datasheet HTML 5Page - Weidmuller 1289000000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data sheet
BUL 10.16HP/02/180 4.5AG BK BX SO
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate No. (UR)
E60693
 
Dimensions and weights
 
Net weight
7.53 g
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
 
System Parameters
 
Product family
OMNIMATE Power - series
BU/SU 10.16
Type of connection
Board connection
Pitch in mm (P)
10.16 mm
Pitch in inches (P)
0.400 "
Number of poles
2
L1 in mm
10.16 mm
L1 in inches
0.400 "
Number of rows
1
Pin series quantity
1
Touch-safe protection acc. to DIN VDE
57 106
Safe from finger touch
Protection degree
IP20
Volume resistance
2.00 mΩ
Can be coded
Yes
Plugging force/pole, max.
12.5 N
Pulling force/pole, max.
11 N
 
Material data
 
Insulating material
PA GF
Colour
black
Colour chart (similar)
RAL 9011
Insulating material group
I
Comparative Tracking Index (CTI)
≥ 600
Moisture Level (MSL)
UL 94 flammability rating
V-0
Contact material
Cu-alloy
Contact surface
silver-plated
Layer structure of solder connection
≥ 3 µm Ag
Layer structure of plug contact
≥ 3 µm Ag
Storage temperature, min.
-40 °C
Storage temperature, max.
70 °C
Operating temperature, min.
-50 °C
Operating temperature, max.
130 °C
Temperature range, installation, min.
-25 °C
Temperature range, installation, max.
130 °C
 
Rated data acc. to IEC
 
tested acc. to standard
IEC 60664-1, IEC 61984
Rated current, min. number of poles
(Tu=20°C)
76 A
Rated current, max. number of poles
(Tu=20°C)
76 A
Rated current, min. number of poles
(Tu=40°C)
69 A
Rated current, max. number of poles
(Tu=40°C)
62.5 A
Rated voltage for surge voltage class /
pollution degree II/2
1000 V
Rated voltage for surge voltage class /
pollution degree III/2
630 V
Rated voltage for surge voltage class /
pollution degree III/3
630 V
Rated impulse voltage for surge voltage
class/ pollution degree II/2
6 kV
Rated impulse voltage for surge voltage
class/ pollution degree III/2
6 kV
Rated impulse voltage for surge voltage
class/ contamination degree III/3
6 kV
Creepage distance, min.
0 mm
 
Creation date 24.02.2026 10:15:49 MEZ
 
Catalogue status / Drawings
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com