Electronic Components Datasheet Search
  English  ▼

X  

1289000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1289000000
Description  BUL 10.16HP/02/180 4.5AG BK BX SO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1289000000 Datasheet(HTML) 1 Page - Weidmuller

  1289000000 Datasheet HTML 1Page - Weidmuller 1289000000 Datasheet HTML 2Page - Weidmuller 1289000000 Datasheet HTML 3Page - Weidmuller 1289000000 Datasheet HTML 4Page - Weidmuller 1289000000 Datasheet HTML 5Page - Weidmuller 1289000000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data sheet
BUL 10.16HP/02/180 4.5AG BK BX SO
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
OMNIMATE  Power BU / SU 10.16HP - the 50 kVA
power class
More current for higher performance.
Top of the class in today's connector systems – the
OMNIMATE Power SU / BUZ 10.16HP. They feature
a very durable contact system which makes it a plug-
gable power transmission solution with maximum load
reserves. HP stands for High Performance – performance
exemplified by a long-term usage temperature of 120°C.
This custom, pluggable solution is suitable for all applica-
tions that must meet 600 V UL or 1,000 V (IEC) with up
to 76 A (IEC) and 54 A (UL).
General ordering data
 
Version
PCB plug-in connector, female header, closed side,
THT solder connection, 10.16 mm, Number of
poles: 2, 180°, Solder pin length (l): 4.5 mm, sil-
ver-plated, black, Box
Order No.
1289000000
Type
BUL 10.16HP/02/180 4.5AG BK BX SO
GTIN (EAN)
4050118080704
Qty.
50 items
Product data
IEC: 1000 V / 76 A
UL: 300 V / 57 A
Packaging
Box
 
 
Creation date 24.02.2026 10:15:49 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1289000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1289010000 WEIDMULLER-1289010000 Datasheet
603Kb / 6P
BUL 10.16HP/04/180 4.5AG BK BX SO
logo
Coherent Corp
1289028 COHERENT-1289028 Datasheet
2Mb / 20P
StingRay and BioRay
More results

Similar Description - 1289000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1012640000 WEIDMULLER-1012640000 Datasheet
74Kb / 4P
BLF 5.08/02/180F SN BK BX
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
BLF 5.08/02/180 SN BK BX
1793130000 WEIDMULLER-1793130000 Datasheet
84Kb / 5P
SC 3.81/02/90G 3.2SN BK BX
1979270000 WEIDMULLER-1979270000 Datasheet
75Kb / 3P
BLF 5.00/02/90 SN BK BX
1979790000 WEIDMULLER-1979790000 Datasheet
80Kb / 3P
BLF 5.00/02/90LR SN BK BX
1982120000 WEIDMULLER-1982120000 Datasheet
73Kb / 3P
BLF 5.08/02/270F SN BK BX
1047130000 WEIDMULLER-1047130000 Datasheet
138Kb / 5P
LXXX 15.00/02/90 4.5SN BK BX
1047290000 WEIDMULLER-1047290000 Datasheet
197Kb / 4P
LXXX 15.00/02/90F 4.5SN BK BX
2719370000 WEIDMULLER-2719370000 Datasheet
952Kb / 6P
BVDF 7.62HP/02/180SN BK BX
2720560000 WEIDMULLER-2720560000 Datasheet
978Kb / 6P
BVDF 7.62HP/02/180MSF2 SN BK BX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com