Electronic Components Datasheet Search
  English  ▼

X  

TAS5176 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5176
Description  6-Channel, 100-W, Digital-Amplifier Power Stage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5176 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5176 Datasheet HTML 12Page - Texas Instruments TAS5176 Datasheet HTML 13Page - Texas Instruments TAS5176 Datasheet HTML 14Page - Texas Instruments TAS5176 Datasheet HTML 15Page - Texas Instruments TAS5176 Datasheet HTML 16Page - Texas Instruments TAS5176 Datasheet HTML 17Page - Texas Instruments TAS5176 Datasheet HTML 18Page - Texas Instruments TAS5176 Datasheet HTML 19Page - Texas Instruments TAS5176 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.ti.com
THEORY OF OPERATION
POWER SUPPLIES
SYSTEM POWER-UP/DOWN SEQUENCE
Powering Down
Error Reporting
TAS5176
SLES196 – JUNE 2007
reliability it is important that each PVDD_X pin is
decoupled with a 100-nF ceramic capacitor placed
as close as possible to each supply pin on the same
To facilitate system design, the TAS5176 needs only
side of the PCB as the TAS5176. It is recommended
a
12-V
supply
in
addition
to
a
typical
31-V
to follow the PCB layout and PowerPad layout of the
power-stage supply. An internal voltage regulator
TAS5176
reference
design.
For
additional
provides suitable voltage levels for the digital and
information on the recommended power supply and
low-voltage analog circuitry. Additionally, all circuitry
required components, see the application diagrams
requiring a floating voltage supply, e.g., the high-side
given in this data sheet. The 12-V supply should be
gate drive, is accommodated by built-in bootstrap
powered from a low-noise, low-output-impedance
circuitry requiring only a few external capacitors.
voltage regulator. Likewise, the PVDD power-stage
supply is assumed to have low output impedance
In
order
to
provide
outstanding
electrical
and
and low noise. The power-supply sequence is not
acoustic
characteristics,
the
PWM
signal
path
critical due to the internal power-on-reset circuit.
including gate drive and output stage is designed as
Moreover, the TAS5176 is fully protected against
identical, independent half-bridges. For this reason,
erroneous power-stage turnon due to parasitic gate
each
half-bridge
has
separate
bootstrap
pins
charging. Thus, voltage-supply ramp rates (dv/dt) are
(BST_X) and power-stage supply pins (PVDD_X).
typically noncritical.
Furthermore, an additional pin (VDD) is provided as
power supply for all common circuits. Although
supplied from the same 12-V source, it is highly
recommended to separate GVDD_X and VDD on the
The
TAS5176
does
not
require
a
power-up
printed-circuit
board
(PCB)
by
RC
filters
(see
sequence. The outputs of the H-bridge remain in a
application diagram for details). These RC filters
high-impedance state until the gate-drive supply
provide the recommended high-frequency isolation.
voltage (GVDD_X) and VDD voltage are above the
Special attention should be paid to placing all
undervoltage protection (UVP) voltage threshold (see
decoupling capacitors as close to their associated
the Electrical Characteristics section of this data
pins as possible. In general, inductance between the
sheet). Although not specifically required, it is
power-supply pins and decoupling capacitors must
recommended to hold RESET in a low state while
be avoided. (See reference board documentation for
powering up the device.
additional information.)
When the TAS5176 is being used with TI PWM
For a properly functioning bootstrap circuit, a small
modulators such as
the
TAS5086,
no
special
ceramic capacitor must be connected from each
attention to the state of RESET is required, provided
bootstrap pin (BST_X) to the power-stage output pin
that the chipset is configured as recommended.
(OUT_X). When the power-stage output is low, the
bootstrap capacitor is charged through an internal
diode
connected
between
the
gate-drive
power-supply pin (GVDD_X) and the bootstrap pin.
The TAS5176 does not require a power-down
When the power-stage output voltage is high, the
sequence. The device remains fully operational as
bootstrap capacitor voltage is shifted above the
long as the gate-drive supply (GVDD_X) voltage and
output voltage potential and thus provides a suitable
VDD voltage are above the undervoltage protection
voltage supply for the high-side gate driver. In an
(UVP)
threshold
level
(see
the
Electrical
application with PWM switching frequencies in the
Characteristics section of this data sheet). Although
range 352 kHz to 384 kHz, it is recommended to use
not specifically required, it is a good practice to hold
33-nF ceramic capacitors, size 0603 or 0805, for the
RESET low during power down, thus preventing
bootstrap capacitor. These 33-nF capacitors ensure
audible artifacts including pops and clicks
sufficient energy storage, even during minimal PWM
When the TAS5176 is being used with TI PWM
duty cycles, to keep the high-side power stage FET
modulators such as
the
TAS5086,
no
special
(LDMOS) fully started during all of the remaining part
attention to the state of RESET is required, provided
of the PWM cycle. In an application running at a
that the chipset is configured as recommended.
reduced switching frequency, generally 250 kHz to
192 kHz, the bootstrap capacitor might need to be
increased in value. Special attention should be paid
to the power-stage power supply; this includes
The
SD
and
OTW
pins
are
both
active-low,
component selection, PCB placement and routing.
open-drain
outputs.
Their
function
is
for
As indicated, each half-bridge has independent
protection-mode signaling to a PWM controller or
power-stage supply pins (PVDD_X). For optimal
other system-control device.
electrical performance, EMI compliance, and system
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com