Electronic Components Datasheet Search
  English  ▼

X  

CLT3-4BT6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # CLT3-4BT6
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button CLT3-4BT6 Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 9Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Characteristics
CLT3-4B
6/13
1.3
CLT3-4 Input / output transfer characteristics (with respect to
common pin COM)
Figure 5.
Typical current limiter variation
versus junction temperature
0.9 V < VOUT < 2 V
Figure 6.
Typical limiter threshold voltage
variation versus junction
temperature for IIN = 2.1 mA
IIim / IIim (25° C)
84%
86%
88%
90%
92%
94%
96%
98%
100%
102%
-25
0
25
50
75
100
125
V
IN = 27 V
V
IN = 5 V
Tj (°C)
3.2
3.3
3.4
3.5
3.6
-25
0
25
50
75
100
125
Tj (° C)
VTH (V)
Figure 7.
Current tranfer characteristic
Figure 8.
Transconductance characteristic
ISOLATOR ON
ISOLATOR OFF
Forbidden
Transition zone
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
2.5
3
3.5
4
0.04
2.1
3.7
I(mA)
IN
I(mA)
OUT
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
ISOLATOR ON
I
(mA)
OUT
V (V)
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com