Electronic Components Datasheet Search
  English  ▼

X  

CLT3-4BT6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # CLT3-4BT6
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4BT6 Datasheet(HTML) 4 Page - STMicroelectronics

  CLT3-4BT6 Datasheet HTML 1Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 2Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 3Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 4Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 5Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 6Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 7Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 8Page - STMicroelectronics CLT3-4BT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
CLT3-4B
4/13
Figure 3.
Typical junction to ambient thermal resistance versus copper surface
under common pad (FR4 epoxy, copper thickness is 35 µm)
1.1
Functional description
The CLT3-4 is a quadruple input digital termination device designed for 24 V DC automation
applications. It provides the front-end circuitry of a digital input module (I/O) in industrial
automation, and drives an isolating opto-coupler.
Available in a four channels configuration, it offers a high-density termination by minimizing
the external components count. It is housed in a TSSOP20 surface mount package to
reduce the printed board size.
Made of an input voltage protection, a serial current limiting circuit and an opto-coupler
driver, each channel circuit terminates the connection between the logic input and the
associated high side sensor or switch.
The CLT3-4 is a 3 mA quad channel device compatible the type 1 and 3 characteristics of
the IEC 61131-2 standard.
Each input voltage clamping block protects the module input against electromagnetic
interferences such as those described in the IEC 61131-2 standard and IEC 61000-4-2
(ESD), 4-4 (transient burst), 4-5 (voltage surge) standards. The supply input is also
designed with such a protection structure.
Table 5.
CLT3 System electromagnetic compatibility ratings,
RI = 1.8 kΩ, RC = 4.7 kΩ (unless otherwise specified)
Symbol
Node
Parameter name and conditions
Value
Unit
VPP
IN
ESD protection, IEC 61000-4-2, per input, in air
± 8
kV
ESD protection, IEC 61000-4-2, per input, in contact
± 6
kV
ESD protection, IEC 61000-4-2, per input, in air, RI = 0 Ω
± 3
kV
ESD protection, IEC 61000-4-2, per input, in contact, RI = 0 Ω
± 3
kV
VPPB
VI
Total Peak Pulse Voltage Burst, IEC 61000-4-4
CIN = 100 pF, COUT = 22 nF, F = 5 kHz
(1)
1.
Refer to Application note AN2527 for test conditions.
± 4
kV
VPP
VI
Peak Pulse Voltage Surge, IEC 61000-4-5, R = 42
Ω (2)
2.
See test circuit in Figure 12.
± 1
kV
VPP
VCC
Peak Pulse Voltage Surge, IEC 61000-4-5, R = 2
Ω (2)
± 1
kV
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S(cm²)
R
° C/W)
th(j-a)(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com