Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 36Page - Texas Instruments TMS320VC549 Datasheet HTML 37Page - Texas Instruments TMS320VC549 Datasheet HTML 38Page - Texas Instruments TMS320VC549 Datasheet HTML 39Page - Texas Instruments TMS320VC549 Datasheet HTML 40Page - Texas Instruments TMS320VC549 Datasheet HTML 41Page - Texas Instruments TMS320VC549 Datasheet HTML 42Page - Texas Instruments TMS320VC549 Datasheet HTML 43Page - Texas Instruments TMS320VC549 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
40
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
instruction acquisition (IAQ), interrupt acknowledge (IACK), external flag (XF), and TOUT timing
switching characteristics over recommended operating conditions for IAQ and IACK
[H = 0.5 tc(CO)] (see Figure 18)
PARAMETER
549-80
549-100
549-120
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
td(CLKL-IAQL)
Delay time, IAQ low from CLKOUT low
− 1
5
− 1
4
ns
td(CLKL-IAQH)
Delay time, IAQ high from CLKOUT low
− 1
5
− 1
4
ns
td(A)IAQ
Delay time, address valid before IAQ low
4
4
ns
td(CLKL-IACKL)
Delay time, IACK low from CLKOUT low
0
5
0
4
ns
td(CLKL-IACKH)
Delay time , IACK high from CLKOUT low
0
5
0
4
ns
td(A)IACK
Delay time, address valid before IACK low
3
3
ns
th(A)IAQ
Hold time, address valid after IAQ high
− 3
− 3
ns
th(A)IACK
Hold time, address valid after IACK high
− 3
− 3
ns
tw(IAQL)
Pulse duration, IAQ low
2H − 3
2H − 3
ns
tw(IACKL)
Pulse duration, IACK low
2H − 3
2H − 3
ns
MSTRB
IACK
IAQ
A[15:0]
CLKOUT
td(A)IACK
td(A)IAQ
tw(IACKL)
th(A)IACK
td(CLKL-IACKL)
tw(IAQL)
th(A)IAQ
td(CLKL-IAQL)
td(CLKL-IACKH)
td(CLKL-IAQH)
Figure 18. Instruction Acquisition (IAQ) and Interrupt Acknowledge (IACK) Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com