Electronic Components Datasheet Search
  English  ▼

X  

LL60P Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # LL60P
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

LL60P Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  LL60P Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. LL60P Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. LL60P Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LL60 THUR LL60P
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
Case: MinMELF glass case (SOD- 80)
Polarity:color band denotes cathode end
Weight: Approx. 0.05gram
Metal-on-silicon junction, majority carrier conduction
High current capability, Low forward voltage drop
Extremely low reverse current IR
Ultra speed switching characteristics
Small temperature coefficient of forward characteristics
Satisfactory Wave detection efficiency
For use in RECORDER¡¢TV¡¢RADIO¡¢TELEPHONE as detectors,super
high speed switching circuits, small current rectifier
Repetitive Peak Reverse Voltage
Forward Voltage
Reverse Current
IF=1mA
LL60
0.35
0.26
0.70
0.70
1.0
5.0
0.5
0.5
1.0
1.0
10.0
1
5.0
4.0
10.0
60
350
LL60
LL60
LL60
LL60P
LL60P
LL60P
LL60P
IF=30mA
IF=200mA
VR=15V
VR=1V
f=1MHz
VR=10V
f=1MHz
VI=3V f=30MHz CL=10pF RL=3.8kW
IF=IR=1mA Irr=1mA Rc=100W
Reverse Recovery time
Junction Capacitance
Junction Ambient Thermal Resistance
Detection Efficiency(See diagram 4)
VRRM
RqJA
mA
mA
Volts
TSTG/TJ
Forward Continuous Current
TA=25 C
Peak Forward Surge Current(t=1S)
Storage and junction Temperature Range
Maximum Lead Temperature for Soldering during 10S at 4mm from Case
Symbols
Symbols
Parameters
Test Conditions
Parameters
Typ
Value
Max
Min
Units
Value
LL60
LL60P
Units
-65 to+125
C
C
Volts
m
A
pF
ns
C/W
%
IF
TL
IFSM
VF
IR
CJ
trr
h
400
230
150
50
30
30
20
.
.
.
Mini-MELF
Dimensions in inches and (millimeters)
0.142(3.6)
0.134(3.4)
0.019(0.48)
0.011(0.28)
0.063(1.6)
0.055(1.4)
R JA
SY
www.shunyegroup.com.c
V2.22


Similar Part No. - LL60P

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
LL60P WEITRON-LL60P Datasheet
185Kb / 3P
Schottky Barrier Diodes
logo
Jinan Jingheng (Group) ...
LL60P JINANJINGHENG-LL60P Datasheet
97Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
LL60P MCC-LL60P Datasheet
400Kb / 3P
Schottky Barrier Rectifier
logo
Tak Cheong Electronics ...
LL60P TAK_CHEONG-LL60P Datasheet
321Kb / 3P
500 mW Surface Mount LL-34 Hermetically Sealed Glass Small Signal Schottky Diode
logo
Gaomi Xinghe Electronic...
LL60P GXELECTRONICS-LL60P Datasheet
457Kb / 3P
SMALL SINGAL SCHOTTKY DIODES
More results

Similar Description - LL60P

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com