Electronic Components Datasheet Search
  English  ▼

X  

LL60P Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # LL60P
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

LL60P Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  LL60P Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. LL60P Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. LL60P Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FIG.1-FORWARD CURRENT VERSUS FORWARD
VOLTAGE (TYPICAL VALUES)
FIG.2-REVERSE CURRENT VERSUS CONTINUOUS
REVERSE VOLTAGE
FIG.4-DETECTION EFFICIENCY MEASUREM
ENT
CIRCUIT
FIG.3-JUNCTION CAPACITANCE VERSUS CONTINU
OUS
REVERSE APPLIED VOLTAGE
D.U.T.
Input:3VRMS
output
CL
RL
10pF
3.8kW
IR(UA)
C(pF)
IF(mA)
VR(V)
VR(V)
VF(V)
0
0
0
10
0.20
0.5
20
0.40
1.0
30
0.60
1.5
40
50
0.80
2.0
60
1.00
2.5
70
1.20
3.0
80
1.40
3.5
4.0
90
100
0.2
5
0.4
10
0.8
20
0.6
15
1.0
25
30
~
~
~
1
2
4
3
5
6
www.shunyegroup.com.cn
V2.22
LL60 THUR LL60P
SMALL SIGNAL SCHOTTKY DIODES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com