Electronic Components Datasheet Search
  English  ▼

X  

DIW040F135 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # DIW040F135
Description  Fast Switching IGBTwith Reverse Diode Schnell Schaltender IGBT mit Rückwärtsdiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DIW040F135 Datasheet(HTML) 2 Page - Diotec Semiconductor

  DIW040F135 Datasheet HTML 1Page - Diotec Semiconductor DIW040F135 Datasheet HTML 2Page - Diotec Semiconductor DIW040F135 Datasheet HTML 3Page - Diotec Semiconductor DIW040F135 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIW040F135
Characteristics (static)
Kennwerte (statisch)
Tj = 25°C
Min.
Typ.
Max.
Collector-Emitter breakdown voltage – Kollektor-Emitter-Durchbruchspannung
IC = 1 mA
VGS = 0 V (short)
V(BR)CES
1350 V
–
–
Collector-Emitter leakage current – Kollektor-Emitter Leckstrom
VCE = VCES
VGS = 0 V (short)
ICES
–
–
100 µA
Gate-Emitter leakage current – Gate-Emitter Leckstrom
VGS = ±20 V VCE = 0 V (short)
IGES
–
–
± 100 nA
Gate-Emitter threshold voltage – Gate-Emitter Schwellspannung
VGE = VCE
IC = 1 mA
VGE(th)
4.8 V
5.8 V
6.8 V
Collector-Emitter saturation voltage – Kollektor-Emitter Sättigungsspannung
VGE = 15 V
IC = 40 A
Tj = 25°C
Tj = 125°C
VCE(sat)
–
2.1 V
2.4 V
–
Characteristics (dynamic)
Kennwerte (dynamisch)
Tj = 25°C
Min.
Typ.
Max.
Input Capacitance – Eingangskapazität
VCE = 25 V
VGE = 0 V
f = 1 MHz
Ciss
–
3000 pF
–
Output Capacitance – Ausgangskapazität
VCE = 25 V
VGE = 0 V
f = 1 MHz
Coss
–
230 pF
–
Reverse Transfer Capacitance – Rückwirkungskapazität
VCE = 25 V
VGE = 0 V
f = 1 MHz
Crss
–
115 pF
–
Turn-On Delay & Rise Time – Einschaltverzögerung und Anstiegszeit
VCC = 600 V
IC = 30 A
VGE = +15 V
RG = 4.7 Ω
L = 500 µH
(Fig. 1)
TJ= 25°C
td(on)
tr
–
21 ns
24 ns
–
TJ= 175°C
td(on)
tr
–
16 ns
32 ns
–
Turn-Off Delay Time & Fall Time – Ausschaltverzögerung und Abfallzeit
VCC = 600 V IC = 30 A
VGE = –15 V
RG = 4.7
L = 500 µH
(Fig. 1)
TJ= 25°C
td(off)
tf
–
95 ns
290 ns
–
TJ= 175°C
td(off)
tf
–
174 ns
373 ns
–
Turn-On Energy – Einschaltenergie
1)
VCC = 600 V IC = 30 A
VGE = +15 V
RG = 4.7 Ω L = 500 µH
(Fig. 1)
TJ= 25°C
Eon
–
3 mJ
–
TJ= 175°C
3.7 mJ
Turn-Off Energy – Ausschaltenergie
2
)
VCC = 600 V IC = 30 A
VGE = –15 V
RG = 4.7 Ω L = 500 µH
(Fig. 1)
TJ= 25°C
Eoff
–
1.5 mJ
–
TJ= 175°C
3.2 mJ
Intrinsic Gate resistance – Innerer Gatewiderstand
f = 1 Mhz
C open
RGi
–
tbd Ω
–
1
Including reverse recovery losses – Einschließlich Sperrverzugsverluste
2
Including current tail losses – Einschließlich Stromschweifverluste
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com