Electronic Components Datasheet Search
  English  ▼

X  

TAS5704 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5704
Description  20-W Stereo Digital Audio Power Amplifier With Feedback
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5704 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5704 Datasheet HTML 12Page - Texas Instruments TAS5704 Datasheet HTML 13Page - Texas Instruments TAS5704 Datasheet HTML 14Page - Texas Instruments TAS5704 Datasheet HTML 15Page - Texas Instruments TAS5704 Datasheet HTML 16Page - Texas Instruments TAS5704 Datasheet HTML 17Page - Texas Instruments TAS5704 Datasheet HTML 18Page - Texas Instruments TAS5704 Datasheet HTML 19Page - Texas Instruments TAS5704 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.ti.com
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
40
10
12
14
16
18
20
22
24
26
G009
THD+N = 1%
THD+N = 10%
RL = 8 Ω
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
RL = 8 Ω
VCC = 12 V
G012
20
100
1k
10k
20k
Left to Right
Right to Left
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
RL = 8 Ω
VCC = 18 V
G013
20
100
1k
10k
20k
Left to Right
Right to Left
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
RL = 8 Ω
VCC = 24 V
G014
20
100
1k
10k
20k
Left to Right
Right to Left
TAS5704
SLOS563 – MARCH 2008
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
OUTPUT POWER
CROSSTALK
vs
vs
SUPPLY VOLTAGE
FREQUENCY
Figure 16.
Figure 17.
CROSSTALK
CROSSTALK
vs
vs
FREQUENCY
FREQUENCY
Figure 18.
Figure 19.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com