| Electronic Components Datasheet Search |
|
M48T212A Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48T212A Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 20 page ![]() M48T212A 2/20 The lithium energy source (or super capacitor) used to permanently power the real time clock is also used to retain RAM data in the absence of VCC power through the VOUT pin. The chip enable outputs to RAM (E1CON and E2CON) are controlled during power transients to prevent data corruption. The date is automatically adjusted for months with less than 31 days and corrects for leap years. The internal watchdog tim- er provides programmable alarm windows. The nine clock bytes (Fh - 9h and 1h) are not the actual clock counters, they are memory locations consisting of BiPORTTM read/write memory cells within the static RAM array. Clock circuitry up- dates the clock bytes with current information once per second. The information can be accessed by the user in the same manner as any other location in the static memory array. Byte 8h is the clock control register. This byte con- trols user access to the clock information and also stores the clock calibration setting. Byte 7h con- tains the watchdog timer setting. The watchdog timer can generate either a reset or an interrupt, depending on the state of the Watchdog Steering bit (WDS). Bytes 6h-2h include bits that, when pro- grammed, provide for clock alarm functionality. Alarms are activated when the register content matches the month, date, hours, minutes, and seconds of the clock registers. Byte 1h contains century information. Byte 0h contains additional flag information pertaining to the watchdog timer, alarm and battery status. The M48T212A also has its own Power-Fail De- tect circuit. This control circuitry constantly moni- tors the supply voltage for an out of tolerance condition. When VCC is out of tolerance, the circuit write protects the TIMEKEEPER register data and external SRAM, providing data security in the midst of unpredictable system operation. As VCC falls, the control circuitry automatically switches to the battery, maintaining data and clock operation until valid power is restored. Table 1. Signal Names A0-A3 Address Inputs DQ0-DQ7 Data Inputs/Outputs XO Oscillator Output XI Oscillator Input RSTIN1 Reset 1 Input RSTIN2 Reset 2 Input RST Reset Output (Open Drain) WDI Watchdog Input A Bank Select Input E Chip Enable Input EX External Chip Enable Input G Output Enable Input W Write Enable Input E1CON RAM Chip Enable 1 Output E2CON RAM Chip Enable 2 Output IRQ/FT Int/Freq Test Output (Open Drain) Vccsw VCC Switch Output VOUT Supply Voltage Output VCAP Super Capacitor Input VBAT– Battery Ground Pin (optional) VCC Supply Voltage VSS Ground NC Not Connected internally Figure 2. SOIC Connections AI03048 22 44 43 VSS 1 A0 NC NC NC A1 NC A NC E1CON NC NC VOUT NC G E VCC M48T212A 10 2 5 6 7 8 9 11 12 13 14 15 21 40 39 36 35 34 33 32 31 30 29 28 XI XO EX VCCSW 3 4 38 37 42 41 WDI E2CON DQ7 DQ5 DQ0 DQ1 DQ3 DQ4 DQ6 16 17 18 19 20 27 26 25 24 23 A2 A3 NC RSTIN2 NC RST VCAP NC VBAT– W NC RSTIN1 DQ2 IRQ/FT |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |