Electronic Components Datasheet Search
  English  ▼

X  

M48T212V Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T212V
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212V Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T212V Datasheet HTML 3Page - STMicroelectronics M48T212V Datasheet HTML 4Page - STMicroelectronics M48T212V Datasheet HTML 5Page - STMicroelectronics M48T212V Datasheet HTML 6Page - STMicroelectronics M48T212V Datasheet HTML 7Page - STMicroelectronics M48T212V Datasheet HTML 8Page - STMicroelectronics M48T212V Datasheet HTML 9Page - STMicroelectronics M48T212V Datasheet HTML 10Page - STMicroelectronics M48T212V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7/32
M48T212Y, M48T212V
Figure 4. Hardware Hookup
Note: 1. See description in Power Supply Decoupling and Undershoot Protection.
2. Traces connecting E1CON and E2CON to external SRAM should be as short as possible.
3. If the second chip enable pin (E2) is unused, it should be tied to VOUT.
AI03046
A0-A3
DQ0-DQ7
A
VCC
W
G
WDI
RSTIN1
RSTIN2
VSS
E
E2
(3)
VCC
A0-Axx
0.1
µF
0.1
µF
5V/3.3V
E2CON
RST
IRQ/FT
M48T212Y/V
CMOS
SRAM
VOUT
E
VCC
CMOS
SRAM
E1CON
Note 2
MOTOROLA
MTD20P06HDL
VCCSW
1N5817
(1)
EX
E
A0-A18
A0-Axx
E2
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com