Electronic Components Datasheet Search
  English  ▼

X  

M48T212V Datasheet(PDF) 26 Page - STMicroelectronics

Part # M48T212V
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212V Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M48T212V Datasheet HTML 22Page - STMicroelectronics M48T212V Datasheet HTML 23Page - STMicroelectronics M48T212V Datasheet HTML 24Page - STMicroelectronics M48T212V Datasheet HTML 25Page - STMicroelectronics M48T212V Datasheet HTML 26Page - STMicroelectronics M48T212V Datasheet HTML 27Page - STMicroelectronics M48T212V Datasheet HTML 28Page - STMicroelectronics M48T212V Datasheet HTML 29Page - STMicroelectronics M48T212V Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
M48T212Y, M48T212V
26/32
Figure 15. Power Down/Up Mode AC Waveforms
Table 15. Power Down/Up Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
Symbol
Parameter(1)
Min
Max
Unit
tF
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
VPFD (min) to VSS VCC Fall Time
M48T212Y
10
µs
M48T212V
150
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
µs
tRB
VSS to VPFD (min) VCC Rise Time
1µs
trec
VPFD (max) to RST High
40
200
ms
AI02638
VCC
INPUTS
RST
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
trec
tRB
VALID
VALID
VPFD (max)
VPFD (min)
VSO
VALID
VALID
VCCSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com