Electronic Components Datasheet Search
  English  ▼

X  

TEA5040 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA5040
Description  WIDE BAND VIDEO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5040 Datasheet(HTML) 2 Page - STMicroelectronics

  TEA5040 Datasheet HTML 1Page - STMicroelectronics TEA5040 Datasheet HTML 2Page - STMicroelectronics TEA5040 Datasheet HTML 3Page - STMicroelectronics TEA5040 Datasheet HTML 4Page - STMicroelectronics TEA5040 Datasheet HTML 5Page - STMicroelectronics TEA5040 Datasheet HTML 6Page - STMicroelectronics TEA5040 Datasheet HTML 7Page - STMicroelectronics TEA5040 Datasheet HTML 8Page - STMicroelectronics TEA5040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Y
(R - Y)
(B - Y)
7
6
5
4
3
2
10
11
12
40
39
37
38
35
VI DEO
SWITCH
SUPER
SAND CASTLE
DETECTOR
30
14
13
15
34
36
BEAM
CURRENT
LIMIT
1
31
32
28
27
LOGI C
BUS
DECODER
23
VI DE O
OUT
EXT
INT
EN
CLK
DATA
CONTRAST
SAT.
BRIGHTNESS
SAT.
Y
(R - Y )
(B - Y )
R
G
B
R
G
B
R’
G’
B’
Y
(R - Y )
(B - Y)
INT SY NC.
+ 12V
DRIVE
ME MORIE S
CUT OFF
ME MORIE S
CATHODE
CURRENTS
R
OUT
OUT
B
OUT
G
RE F
V
X3
X3
DELAY
TIME
26
29
BLOCK DIAGRAM
GENERAL DESCRIPTION
Brief Description
This integrated circuit incorporates the following
features :
- a synchro and two video inputs
- a fixed video output
- a switchable video output
- normal Y, R-Y, B-Y TV mode inputs
- double set of R, G, B inputs
- brightness, contrast and saturation controls as
well on a R, G, B picture as on a normal TV picture
- digital control inputs by means of serial bus
- peak beam current limitation
- average beam current limitation
- automatic drive and cut-off controls
Block Diagram Description
BUS DECODER
A 3 lines bus (clock, data, enable) delivered by the
microcontroller of the TV-set enters the videoproc-
essor integrated circuit (pins 13-14-15). A control
system acts in such a way that only a 9-bit word is
taken into account by the videoprocessor. Six of the
bits carry the data, the remaining three carry the
address of the subsystem.
Fun ction
Address
Number of
Bits
Brightness Control
0
5
Contrast Control
1
5
Colour on/off Selection
2
1
Insertion Allowed
3
1
Sync/Async Mode
4
1
Int/Ext Video Switching
5
1
B-Y Saturation Control
6
6
R-Y Saturation Control
7
6
TEA5040
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com