Electronic Components Datasheet Search
  English  ▼

X  

TEA5040 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA5040
Description  WIDE BAND VIDEO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5040 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA5040 Datasheet HTML 1Page - STMicroelectronics TEA5040 Datasheet HTML 2Page - STMicroelectronics TEA5040 Datasheet HTML 3Page - STMicroelectronics TEA5040 Datasheet HTML 4Page - STMicroelectronics TEA5040 Datasheet HTML 5Page - STMicroelectronics TEA5040 Datasheet HTML 6Page - STMicroelectronics TEA5040 Datasheet HTML 7Page - STMicroelectronics TEA5040 Datasheet HTML 8Page - STMicroelectronics TEA5040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
pulse. Since this integrated circuit can be directly
connected to two different sources, it is necessary
then to have two separate insertion pulse inputs
(pin 8-9). Fast blanking can be inhibited by a one
active bit word. The two fast blanking inputs carry
out an OR function to insert R, G, B sources into
TV picture. The external fast blanking (FB ext.)
selects the appropriate R, G, B source.
Controls
The four brightness, contrast and saturation control
functions are direct digitally controlled without us-
ing digital-to-analog converters.
The contrast control of the Y channel is obtained
by means of a digital potentiometer which is an
attenuator including several switchable cells di-
rectly controlled by a 5 active bit word (address
number 1). The brightness control is also made by
a digital potentiometer (5 active bit word, address
number 0). Since a + 3dB contrast capability is
required, the Y signal value could be up to 0.7Vpp
nominal. For both functions, the control charac-
teristics are quasi-linear.
In each R-Y and B-Y channel, a six-cell digital
attenuator is directly controlled by a 6 active bit
word (address number 6 and 7). The tracking
neede d to keep the saturation constant when
changing the contrast has to be done externally by
the microcontroller. Furthermore, colour can be
disabled by blanking R-Y and B-Y signals using one
active bit word (address number 2) to drive the
one-chip colour ON/OFF switch.
Second Matrix, Clamp, Peak Clipping, Blank-
ing
The second matrix receives the Y, R-Y and B-Y
signals and delivers the corresponding R, G, B
signals. As it is required to have the capability of +
6dB saturation, an internal gain of 2 is applied on
both R-Y and B-Y signals.
A low clipping level is included in order to ensure a
correct blanking during the line and frame retraces.
A high clipping level ensures the peak beam current
limitation. These limitations are correct only if the
DC bias of the three R, G, B signals are precise
enough. Therefore a clamp has been added in
each channel in order to compensate for the inac-
curacy of the matrix.
Sandcastle Detector And Counter
The three level supersandcastle is used in the
circuit to deliver the burst pulse (CLP), the horizon-
tal pulse (HP), and the composite vertical and
horizontal blanking pulse (BLI). This last one is
regenerated in the counter which delivers a new
composite pulse (BL) in which the vertical part lasts
23 lines when the vertical part of the supersand-
castle lasts more than 11 lines.
The TEA5040 cannot work properly if this minimum
duration of 11 lines is not ensured.
The counterdelivers different pulses needed circuit
and especially the line pulses 17 to 23 used in the
automatic drive and cut-off control system.
Automatic Drive And Cut-off Control System
Cut-off and drive adjustments are no longer re-
quired with this integrated circuit as it has a sample
and hold feedback loop incorporating the final
stages of the TV-set. This system works in a se-
quential mode. For this purpose, special pulses are
inserted in G, R and B channels. During the lines
17, 18 and 19, a ”drive pulse” is inserted respec-
tively in the green, red and blue channels. The line
20 is blanked on the three channels. During the
lines 21, 22 and 23, a ”quasi cut-off pulse” is
inserted respectively in the green, red and blue
guns.
The resulting signal is then applied to the input of
a voltage controlled amplifier. In the final stages of
the TV-set, the current flowing in each green, red
and blue cathode is measured and sent to the
videoprocessor by a current source.
The three currents are added together in a resistor
matrix which can be programmed to set the ratio
between the three currents in order to get the
appropriate colour temperature. The output of the
matrix forms a high impedance voltage source
which is connected to the integrated circuit (pin 32).
Same measurement range between drive and cut-
off is achieved by internally grounding an external
low impedance resistor during lines 17, 18 and 19.
This is due to the fact that the drive currents are
about one hundred times higher than the cut-off
and leakage currents.
Each voltage appearing sequentially on the wire
pin 32 is then a function of specific cathode cur-
rent :
- When a current due to a drive pulse occurs, the
voltage appearing on the pin 32 is compared
within the IC with an internal reference, and the
result of the comparison charges or discharges
an external appropriate drive capacitor which
stores the value during the frame. This voltage is
applied to a voltage controlled amplifier and the
system works in such a way that the pulse current
drive derived from the cathode is kept constant.
- During the line 20, the three guns of the picture
tube are blanked. The leakage current flowing out
of the final stages is transformed into a voltage
TEA5040
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com