Electronic Components Datasheet Search
  English  ▼

X  

M48T37Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T37Y
Description  3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 1 Page - STMicroelectronics

  M48T37Y Datasheet HTML 1Page - STMicroelectronics M48T37Y Datasheet HTML 2Page - STMicroelectronics M48T37Y Datasheet HTML 3Page - STMicroelectronics M48T37Y Datasheet HTML 4Page - STMicroelectronics M48T37Y Datasheet HTML 5Page - STMicroelectronics M48T37Y Datasheet HTML 6Page - STMicroelectronics M48T37Y Datasheet HTML 7Page - STMicroelectronics M48T37Y Datasheet HTML 8Page - STMicroelectronics M48T37Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
February 2006
M48T37Y
M48T37V
5.0 or 3.3V, 256 Kbit (32 Kbit x8) TIMEKEEPER® SRAM
Rev 6.0
FEATURES SUMMARY
■
INTEGRATED ULTRA-LOW POWER SRAM,
REAL TIME CLOCK, POWER-FAIL
CONTROL CIRCUIT, AND BATTERY
■
FREQUENCY TEST OUTPUT FOR REAL
TIME CLOCK SOFTWARE CALIBRATION
■
YEAR 2000 COMPLIANT
■
AUTOMATIC POWER-FAIL CHIP
DESELECT and WRITE PROTECTION
■
WATCHDOG TIMER
■
WRITE PROTECT VOLTAGE
(VPFD = Power-Fail Deselect Voltage):
–
M48T37Y: VCC = 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
–
M48T37V: VCC = 3.0 to 3.6V
2.7V
≤ VPFD ≤ 3.0V
■
PACKAGING INCLUDES A 44-LEAD SOIC
AND SNAPHAT® TOP (to be ordered
separately)
■
SOIC PACKAGE PROVIDES DIRECT
CONNECTION FOR A SNAPHAT TOP
WHICH CONTAINS THE BATTERY AND
CRYSTAL
■
MICROPROCESSOR POWER-ON RESET
(Valid even during battery back-up mode)
■
PROGRAMMABLE ALARM OUTPUT
ACTIVE IN THE BATTERY BACK-UP MODE
■
BATTERY LOW FLAG
■
RoHS COMPLIANCE
Lead-free components are compliant with the
RoHS directive.
Figure 1. Package
44
1
SNAPHAT (SH)
Battery/Crystal
SOH44 (MH)
44-pin SOIC


Similar Part No. - M48T37Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
521Kb / 30P
5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
02-Aug-2010
M48T37Y-10MH1 STMICROELECTRONICS-M48T37Y-10MH1 Datasheet
521Kb / 30P
5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
02-Aug-2010
M48T37Y-10MH1E STMICROELECTRONICS-M48T37Y-10MH1E Datasheet
521Kb / 30P
5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
02-Aug-2010
M48T37Y-10MH1F STMICROELECTRONICS-M48T37Y-10MH1F Datasheet
521Kb / 30P
5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
02-Aug-2010
M48T37Y-10MH1TR STMICROELECTRONICS-M48T37Y-10MH1TR Datasheet
521Kb / 30P
5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
02-Aug-2010
More results

Similar Description - M48T37Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
20-Jun-2000
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
256 Kbit 32Kb x8 ZEROPOWER SRAM
Aug-1999
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
256 Kbit 32Kb x8 ZEROPOWER SRAM
20-Apr-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com