Electronic Components Datasheet Search
  English  ▼

X  

M48T37Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T37Y
Description  3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 4 Page - STMicroelectronics

  M48T37Y Datasheet HTML 1Page - STMicroelectronics M48T37Y Datasheet HTML 2Page - STMicroelectronics M48T37Y Datasheet HTML 3Page - STMicroelectronics M48T37Y Datasheet HTML 4Page - STMicroelectronics M48T37Y Datasheet HTML 5Page - STMicroelectronics M48T37Y Datasheet HTML 6Page - STMicroelectronics M48T37Y Datasheet HTML 7Page - STMicroelectronics M48T37Y Datasheet HTML 8Page - STMicroelectronics M48T37Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
M48T37Y, M48T37V
4/29
SUMMARY DESCRIPTION
The M48T37Y/V TIMEKEEPER® RAM is a 32 Kb
x8 non-volatile static RAM and real time clock. The
monolithic chip is available in a special package
which provides a highly integrated battery backed-
up memory and real time clock solution.
The 44-lead, 330mil SOIC package provides sock-
ets with gold-plated contacts at both ends for di-
rect connection to a separate SNAPHAT housing
containing the battery and crystal. The unique de-
sign allows the SNAPHAT® battery/crystal pack-
age to be mounted on top of the SOIC package
after the completion of the surface mount process.
Insertion of the SNAPHAT housing after reflow
prevents potential battery and crystal damage due
to the high temperatures required for device sur-
face-mounting. The SNAPHAT housing is keyed
to prevent reverse insertion.
The SOIC and battery packages are shipped sep-
arately in plastic anti-static tubes or in Tape &Reel
form. For the 44-lead SOIC, the battery/crystal
package (e.g., SNAPHAT) part number is “M4T28-
BR12SH”
or
“M4T32-BR12SH”
(see
Table
18., page 27).
Caution: Do not place the SNAPHAT battery/crys-
tal top in conductive foam, as this will drain the lith-
ium button-cell battery.
Figure 2. Logic Diagram
Table 1. Signal Names
AI02172
8
DQ0-DQ7
W
VCC
M48T37Y
M48T37V
VSS
G
E
WDI
RST
IRQ/FT
15
A0-A14
A0-A14
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
RST
Reset Output (Open Drain)
IRQ/FT
Interrupt / Frequency Test Output
(Open Drain)
WDI
Watchdog Input
E
Chip Enable
G
Output Enable
W
WRITE Enable
VCC
Supply Voltage
VSS
Ground
NC
Not connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com