Electronic Components Datasheet Search
  English  ▼

X  

19N613 Datasheet(PDF) 2 Page - ITWSwitches

Part # 19N613
Description  SERIES 19N - MICROSWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITWSWITCHES [ITWSwitches]
Direct Link  https://www.itwswitches.com/
Logo ITWSWITCHES - ITWSwitches

19N613 Datasheet(HTML) 2 Page - ITWSwitches

  19N613 Datasheet HTML 1Page - ITWSwitches 19N613 Datasheet HTML 2Page - ITWSwitches 19N613 Datasheet HTML 3Page - ITWSwitches 19N613 Datasheet HTML 4Page - ITWSwitches  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SERIES 19N - MICROSWITCH
+ 44 (0) 2392 656200
Designs and specifications are subject to change
without notice due to product improvement.
MICROSWITCHES
APPROVALS:
PCB LAYOUT (VIEWED FROM EITHER SIDE):
SEALED VARIANTS:
This variant is available in two versions, fully sealed and top sealed. The top seal incorporates a rubber seal around the button
to stop the ingress of contaminants through this area. If the switch is to be activated by a cam, it would be advisable to do this
via a lever, as using a cam directly onto the button can cause damage to the diaphragm seal.
The fully sealed version has the top seal and also has integral leads ‘potted’ onto the terminals. This version is rated at 125°C.
There is also a derated version, to 105°C, available. This has the advantage of being lower cost than the standard version. If you
should require more information on this version please contact the Sales Office.
MOUNTING INFORMATION:
PCB Terminal version
This version mounts directly onto a PCB which has been drilled as illustrated. To ensure a tight fit in the PCB during handling
and flow soldering operations, the switch can be inserted into the PCB, and then the terminals may be splayed by 30° in an
alternate fashion. The terminals have an in-line rectangular cross section to facilitate this, and to eliminate the reduction of
creepage distances in the fitted application.
Solder, QC and flying lead versions
These versions have two mounting holes that accept M2,5 screws (with anti-vibration washers if relevant) tightened to a
maximum torque of 0,3Nm. One of the mounting holes is slotted, to allow for a tolerance between the screw centres of ±0,15mm.
If the switch is being mounted onto a metal surface, a separating insulator is recommended on the solder and QC versions, to
ensure bare wires cannot make electrical contact.
BEAB
Series 19 June 15.qxd:Layout 1 17/06/2015 15:06 Page 13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com