Electronic Components Datasheet Search
  English  ▼

X  

19N613 Datasheet(PDF) 1 Page - ITWSwitches

Part # 19N613
Description  SERIES 19N - MICROSWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITWSWITCHES [ITWSwitches]
Direct Link  https://www.itwswitches.com/
Logo ITWSWITCHES - ITWSwitches

19N613 Datasheet(HTML) 1 Page - ITWSwitches

  19N613 Datasheet HTML 1Page - ITWSwitches 19N613 Datasheet HTML 2Page - ITWSwitches 19N613 Datasheet HTML 3Page - ITWSwitches 19N613 Datasheet HTML 4Page - ITWSwitches  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Contact an Authorized Distributor or Factory for Pricing
www.itwswitches.co.uk | www.itwswitches.com
MICROSWITCHES
SERIES 19N - MICROSWITCH
The miniature microswitch (the standard V4 size)
has been designed in line with similar competitive
products, but because of automation, offers
consistent high quality levels for volume applications,
at no extra cost. The switch mechanism used is the
well proven spring and blade method, and is offered
in a choice of operating forces.
Other standard options include gold or silver
contacts; PCB, solder or QC terminals, and integral
wire lead versions. All versions have a sealed base
right up to the button opening. In addition, sealed
button versions are totally environmentally sealed.
KEY FEATURES:
•
Insert moulded terminals
•
Fully sealed option – to IP67
•
Wide temperature range
•
Choice of actuators as standard
•
Approved product – BEAB
•
Non flammable switch – UL94-VO rated
NON-STANDARD OPTIONS:
•
Leaf lever available in variable lengths
(see ordering information)
•
Custom levers/brackets
•
Multiple pole ‘ganged’ versions
APPLICATIONS:
•
Telephone handsets
•
Automotive controls
•
Joysticks
•
Security/anti-tamper uses
•
Small motor limit switches
•
Business machines
•
Thermostat and sensor controls
SEALED VARIANTS:
This variant is available in two versions, fully sealed and top sealed. The top seal incorporates a rubber seal
around the button to stop the ingress of contaminants through this area. If the switch is to be activated by a
cam, it would be advisable to do this via a lever, as using a cam directly onto the button can cause damage to
the diaphragm seal.
The fully sealed version has the top seal and also has integral leads ‘potted’ onto the terminals. This version is
rated at 125°C. There is also a derated version, to 105°C, available. This has the advantage of being lower cost
than the standard version. If you should require more information on this version please contact the Sales Office.
Series 19 June 15.qxd:Layout 1 17/06/2015 15:06 Page 12


Similar Part No. - 19N613

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
19N602 ETC2-19N602 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
19N603 ETC2-19N603 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
logo
STMicroelectronics
19N60M6 STMICROELECTRONICS-19N60M6 Datasheet
575Kb / 14P
N-channel 600 V, 255 m typ., 11 A MDmesh M6 Power MOSFET in a PowerFLAT 8x8 HV package
13-Dec-2019
More results

Similar Description - 19N613

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1478603-1 MACOM-1478603-1 Datasheet
142Kb / 2P
Miniature Microswitch Introduction
logo
Omron Electronics LLC
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
As Easy To Install as a Microswitch
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
As Easy To Install as a Microswitch
logo
List of Unclassifed Man...
M141T02-AC0303D ETC2-M141T02-AC0303D Datasheet
255Kb / 2P
Microswitch SPDT, Lever
M141T02-AC0300D ETC2-M141T02-AC0300D Datasheet
260Kb / 2P
Microswitch SPDT, Button
logo
SparkFun Electronics
COM-12745 SPARKFUN-COM-12745 Datasheet
104Kb / 1P
Mini Microswitch Mount ??A (pair)
8????7
COM-12746 SPARKFUN-COM-12746 Datasheet
79Kb / 1P
Mini Microswitch Mount - B (pair)
8????7
COM-12747 SPARKFUN-COM-12747 Datasheet
79Kb / 1P
Mini Microswitch Mount - C (pair)
8????7
logo
Littelfuse
MS3H1000C LITTELFUSE-MS3H1000C Datasheet
613Kb / 3P
MS SERIES HIGH-SPEED FUSE MICROSWITCH
Rev: 2-B-092821
logo
List of Unclassifed Man...
ASM-1209 ETC-ASM-1209 Datasheet
129Kb / 1P
Mounting Guide for ASM-1209 Microswitch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com