Electronic Components Datasheet Search
  English  ▼

X  

MPD78C14 Datasheet(PDF) 45 Page - NEC

Part # MPD78C14
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD78C14 Datasheet(HTML) 45 Page - NEC

Back Button MPD78C14 Datasheet HTML 41Page - NEC MPD78C14 Datasheet HTML 42Page - NEC MPD78C14 Datasheet HTML 43Page - NEC MPD78C14 Datasheet HTML 44Page - NEC MPD78C14 Datasheet HTML 45Page - NEC MPD78C14 Datasheet HTML 46Page - NEC MPD78C14 Datasheet HTML 47Page - NEC MPD78C14 Datasheet HTML 48Page - NEC MPD78C14 Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 373 page
background image
CHAPTER 2
PIN FUNCTIONS
27
µPD78C17/78C10A
These pins can be specified as an address bus (AB15 to AB8) corresponding to the size of the externally installed
device by means of the MODE0 and MODE1 pin settings, and the remaining pins can be used as general-purpose
input/output ports (see Table 2-3).
Table 2-3. Operation of PF7 to PF0 (
µPD78C17/78C10A)
MODE1
MODE0
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
External Address Space
0
0
Port
Port
Port
Port
AB11
AB10
AB9
AB8
4K bytes
0
1
Port
Port
AB13
AB12
AB11
AB10
AB9
AB8
16K bytes
1
0
Setting prohibited
1
1
AB15
AB14
AB13
AB12
AB11
AB10
AB9
AB8
63K/64K bytesNote
Note 63K (
µPD78C17), 64K (µPD78C10A)
In the reset state (RESET input=low) or in the hardware STOP mode (STOP input=low), pins PF7 to PF0 become
high-impedance. When the RESET input or STOP input subsequently returns to the high level, they are set as address
bus or port according to the status of the MODE1 and MODE0 pins.
Caution Emulation cannot be performed by an emulator for a program which varies the port F operating
mode dynamically. Therefore, once the mode has been set, it should not be changed to a different
mode.
2.1.6 WR (Write strobe) ... 3-state output
The strobe signal output for a write operation to external memory. This pin is driven high except in external memory
data write machine cycles. When the RESET signal is low or when in the hardware STOP mode, WR become high-
impedance.
Remark
In a data write to internal RAM, WR is driven high.
2.1.7 RD (Read strobe) ... 3-state output
The strobe signal output for a read operation on external memory. This pin is driven high except in external memory
data read machine cycles. When the RESET signal is low or when in the hardware STOP mode, RD become high-
impedance.
Remark
In a data read from internal ROM or RAM, RD is driven high.
2.1.8 ALE (Address latch enable) ... 3-state output
The strobe signal which externally latches the lower address information output to pins PD7 to PD0 for an access
to external memory. When the RESET signal is low or when in the hardware STOP mode, ALE is high-impedance.
Caution ALE output continues while the CPU is operating. Therefore, address latching by ALE is effective
external access machine cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com