Electronic Components Datasheet Search
  English  ▼

X  

MPD78C14 Datasheet(PDF) 76 Page - NEC

Part # MPD78C14
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD78C14 Datasheet(HTML) 76 Page - NEC

Back Button MPD78C14 Datasheet HTML 72Page - NEC MPD78C14 Datasheet HTML 73Page - NEC MPD78C14 Datasheet HTML 74Page - NEC MPD78C14 Datasheet HTML 75Page - NEC MPD78C14 Datasheet HTML 76Page - NEC MPD78C14 Datasheet HTML 77Page - NEC MPD78C14 Datasheet HTML 78Page - NEC MPD78C14 Datasheet HTML 79Page - NEC MPD78C14 Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 373 page
background image
CHAPTER 3
INTERNAL BLOCK FUNCTIOS
58
A digital pulse generated in the zero-cross detector of the INT1 pin is set to the interrupt control circuit. The INTF1
interrupt request flag is set at the zero-cross point from negative to positive of the AC signal (rising edge), and if
INT1 interrupt is enabled, interrupt servicing is started. A digital pulse generated in the INT2/TI pin zero-cross detector
is sent to the interrupt control circuit and interrupt servicing can be started at the zero-cross point from positive to
negative of the AC signal as with the INT1 pin, and can also be used as a timer input clock.
3.11 Zero-Cross Detector
The INT1 pin and INT2/TI (PC3 dual-function) pin can be made to execute zero-cross detection operations by setting
the zero-cross mode register.
The zero-cross detector has a self-bias type high-gain amplifier. It biases the input to the switching point and
generates digital displacement in response to a small input displacement.
Figure 3-13. Zero-Cross Detector
To internal
circuitry
External
capacitor
INT1
INT2/TI
AC input signal
(1 to 1.8 VPP)
1 F
µ
Self bias
circuit enable
PD78C18
µ
The zero-cross detector detects a negative-to-positive or positive-to-negative transition of the AC signal input
through an external capacitor and generates a digital pulse which changes from 0 to 1 or 1 to 0 at each transition
point.
Figure 3-14. Zero-Cross Detection Signal
AC input
signal
Zero-cross
detection
signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com