Electronic Components Datasheet Search
  English  ▼

X  

W27LE520 Datasheet(PDF) 13 Page - Winbond

Part # W27LE520
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27LE520 Datasheet(HTML) 13 Page - Winbond

Back Button W27LE520 Datasheet HTML 8Page - Winbond W27LE520 Datasheet HTML 9Page - Winbond W27LE520 Datasheet HTML 10Page - Winbond W27LE520 Datasheet HTML 11Page - Winbond W27LE520 Datasheet HTML 12Page - Winbond W27LE520 Datasheet HTML 13Page - Winbond W27LE520 Datasheet HTML 14Page - Winbond W27LE520 Datasheet HTML 15Page - Winbond W27LE520 Datasheet HTML 16Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Advance Information W27LE520
Publication Release Date: 4/26/2000
- 13 -
Revision A1
SMART ERASE ALGORITHM 2
Start
OE/Vpp = 13V
Last
Address?
OE/Vpp = V
Compare
All Bytes to
FFs (HEX)
Pass
Device
Increment
Address
No
Fail
Fail
Fail
Device
X = 0
Program One 50 S Pulse
with Address = 5555(Hex) Data = AA(Hex)
Erase
Verify
X = 20?
No
Yes
Pass
Pass
Yes
OE/Vpp = V IL
IL
Increment X
Power
Down
Program One 100 mS Pulse
with Address = 2AAA(Hex) Data = 10(Hex)
µ
V
= 6.5V
DD
V
= 6.5V
DD
V
= 3.3 or 5.0V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com